Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5541Q Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SCDQ5541Q
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5541Q Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SCDQ5541Q Datasheet HTML 8Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 9Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 10Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 11Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 12Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 13Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 14Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 15Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 16Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2010-04-13
14
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
User Definable Character Set Examples*
Upper and lower case alphabets
Numerals and punctuation
*CAUTION: No more than 128 LEDs “on” at one time at 100% brightness.
IDCS5081
HEX
CODE
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
91
71
2A
5F
04
1E
29
4E
69
9E
0F
30
50
70
8F
1F
30
5E
70
9F
0F
30
53
71
8F
11
31
5F
71
91
0E
24
44
64
8E
01
21
41
71
8E
13
34
58
74
93
10
30
50
70
9F
11
3B
55
71
91
11
39
55
73
91
0E
31
51
71
8E
1E
31
5E
70
90
0C
32
56
72
8D
1E
31
5E
74
92
0F
30
4E
61
9E
1F
24
44
64
84
11
31
51
71
8E
11
31
51
6A
84
11
31
55
7B
91
11
2A
44
6A
91
11
2A
44
64
84
1F
22
44
68
9F
00
2E
52
72
8D
00
26
42
72
8C
00
23
44
62
8C
10
30
5E
71
9E
10
30
56
78
96
08
3C
48
6A
84
00
2F
50
70
8F
0C
24
44
64
8E
00
32
52
72
8D
01
21
4F
71
8F
00
2A
55
71
91
00
31
51
6A
84
00
2E
5F
70
8E
00
36
59
71
91
00
31
55
7B
91
04
2A
48
7C
88
00
2E
51
71
8E
00
32
4C
6C
92
00
2F
50
73
8F
00
3E
51
7E
90
00
31
4A
64
98
10
30
56
79
91
00
2F
51
6F
81
00
3E
44
68
9E
04
20
4C
64
8E
00
33
54
78
90
9E
29
49
69
1E
30
5E
70
1F
90
IDCS5082
HEX
CODE
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
CODE
HEX
8E
79
33
55
0E
04
2C
44
64
8E
1E
21
46
68
9F
06
2A
5F
62
82
06
28
5E
71
8E
1F
22
44
68
88
0E
31
4E
71
8E
0E
31
4F
62
8C
0A
3F
4A
7F
8A
0F
34
4E
65
9E
06
29
5C
68
9F
19
3A
44
6B
93
08
34
4D
72
8D
0C
2C
44
68
80
02
24
44
64
82
08
24
44
64
88
0C
2C
48
64
80
04
24
5F
64
84
00
2C
4C
64
88
00
20
5F
60
80
00
20
40
6C
8C
01
22
44
68
90
04
24
44
60
84
0A
2A
40
60
80
10
28
44
62
81
0E
31
42
64
88
1C
24
44
64
9C
06
24
48
64
86
0E
35
57
70
8E
0C
24
42
64
8C
00
20
40
60
9F
04
24
40
64
84
0C
2C
40
6C
8C
11
2A
44
6E
84
0C
20
4C
64
88
15
2E
5F
6E
95
02
24
48
64
82
04
2A
51
60
80
00
3F
40
7F
80
08
35
42
60
80
08
24
42
64
88
9E
21
4E
61
1E
30
5E
61
1F
9E
07
87
64
44
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com