Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCDQ5541Q Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SCDQ5541Q
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SCDQ5541Q Datasheet(HTML) 5 Page - OSRAM GmbH

  SCDQ5541Q Datasheet HTML 1Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 2Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 3Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 4Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 5Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 6Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 7Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 8Page - OSRAM GmbH SCDQ5541Q Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SCDQ5541P/Q/R, SCDQ5542P/Q/R, SCDQ5543P/Q/R, SCDQ5544P/Q/R
2010-04-13
5
Input Circuit
The input resistor/diode network shown below is used for ESD protection and to eliminate substrate latch-up caused
by input voltage over/under shoot.
Inputs
Electrical characteristics (over operating temperature, unless otherwise specified, T
A = 25°C)
Parameter
Min.
Typ.
Max.
Units
Conditions
V
CC
4.5
—
5.5
V
—
I
CC (Power Down Mode)
—
—
5.0
µA
V
CC=5.0 V, all inputs=0 V or VCC
I
CC (16 dots on per digit)
1)
—
100
145
mA
V
CC=5.0 V, “#” displayed in all 4 digits
at 100% brightness at 25×C
V
IH
3.5
—
—
V
V
CC=4.5 V to 5.5 V
V
IL
—
—
1.5
V
V
CC=4.5 V to 5.5 V
I
IH
—
—
10
µA
V
CC=VIN=5.0 V (all inputs)
I
IL
—
—
–10
µA
V
CC=5.0 V, VIN=0 V (all inputs)
Internal Mux Frequency
375
768
1086
Hz
—
θ
ja
—
65
—
°C/W
—
Notes:
1)
I
CC is an average value, the Peak current is
5/
3 x ICC.
2)
Contact manufacturer for 3.3 volt operation.
Pinout and Pin Definitions
Pin
Function
Definitions
1
LOAD
Low input enables data clocking into 8-bit
serial shift register. When LOAD goes high,
the contents of 8- bit serial Shift Register will
be decoded.
2
SDATA
Serial data input
3
SDCLK
Loads data into the 8-bit serial data register on
a low to high transition
4
V
CC
Power supply
5
GND
Power supply ground
IDCD5021
GND
1 k
Ω
Input
CC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com