Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS5451 Datasheet(PDF) 3 Page - International Rectifier

Part # IPS5451
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS5451 Datasheet(HTML) 3 Page - International Rectifier

  IPS5451 Datasheet HTML 1Page - International Rectifier IPS5451 Datasheet HTML 2Page - International Rectifier IPS5451 Datasheet HTML 3Page - International Rectifier IPS5451 Datasheet HTML 4Page - International Rectifier IPS5451 Datasheet HTML 5Page - International Rectifier IPS5451 Datasheet HTML 6Page - International Rectifier IPS5451 Datasheet HTML 7Page - International Rectifier IPS5451 Datasheet HTML 8Page - International Rectifier IPS5451 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IPS5451/IPS5451S
WWW.IRF.COM
3
Recommended Operating Conditions
These values are given for a quick design. For operation outside these conditions, please consult the application notes.
Symbol Parameter
Min.
Max.
Units
Vcc
Continuous Vcc voltage
5.5
18
VIH
High level input voltage
4
5.5
VIL 1
Low level input voltage
-0.3
0.9
Iout
Continuous output current
(TAmbient = 85oC, Tj = 125oC, Rth = 62oC/W) IPS5451
—
4
(TAmbient = 85oC, Tj = 125oC, Rth = 80oC/W) IPS5451S
—
3.5
Iout
Continuous output current
Tc=85
oC
(TCase = 85oC, IN = 5V, Tj = 125oC, Rth = 5oC/W)
—
14
Rin
Recommended resistor in series with IN pin
4
6
Rdg
Recommended resistor in series with DG pin
10
20
V
A
k
Ω
Symbol Parameter
Min.
Typ.
Max. Units Test Conditions
Rds(on)
ON state resistance Tj = 25
oC
—
19
25
@Tj=25oC
Rds(on)
ON state resistance @ Vcc = 6V
—
22
30
(Vcc=6V)
Rds(on)
ON state resistance Tj = 150
oC—
32
—
Vin = 5V, Iout = 14A
@Tj=150
oC
Vcc oper. Functional operating range
5.5
—
18
V clamp 1 Vcc to OUT clamp voltage 1
45
49
—
Id = 10mA (see Fig.1 & 2)
V clamp 2 Vcc to OUT clamp voltage 2
—
50
60
Vf
Body diode forward voltage
—
0.9
1.2
Id = 14A, Vin = 0V
Iout
Output leakage current
—
10
50
Vout = 0V, Tj = 25
oC
leakage
Icc off
Supply current when OFF
—
10
50
Vin = 0V, Vout = 0V
Icc on
Supply current when ON
—
3.5
10
mA
Vin = 5V
Icc ac
Ripple current when ON (AC RMS)
—
20
—
µA
Vin = 5V
Vdgl
Low level diagnostic output voltage
—
0.1
0.4
V
Idg = 1.6 mA
Idg
Diagnostic output leakage current
—
1.5
10
Vdg = 4.5V
leakage
Vih
IN high threshold voltage
a
2.7
3.4
Vil
IN low threshold voltage
1
2.0
a
Iin, on
On state IN positive current
—
30
80
µA
Vin = 4V
Vccuv+
Vcc UVLO positive going threshold
—
4.7
5.5
Vccuv-
Vcc UVLO negative going threshold
3.0
4.4
—
Inhyst.
Input hysteresis
0.2
0.6
1.5
Static Electrical Characteristics
(Tj = 25
oC, Vcc = 14V unless otherwise specified.)
m
Ω
Vin = 5V, Iout = 14A
Id = Ishutdown (see Fig.1 & 2)
Vin = 5V, Iout = 7A
µA
V
V
V
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com