Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS5451 Datasheet(PDF) 1 Page - International Rectifier

Part # IPS5451
Description  FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS5451 Datasheet(HTML) 1 Page - International Rectifier

  IPS5451 Datasheet HTML 1Page - International Rectifier IPS5451 Datasheet HTML 2Page - International Rectifier IPS5451 Datasheet HTML 3Page - International Rectifier IPS5451 Datasheet HTML 4Page - International Rectifier IPS5451 Datasheet HTML 5Page - International Rectifier IPS5451 Datasheet HTML 6Page - International Rectifier IPS5451 Datasheet HTML 7Page - International Rectifier IPS5451 Datasheet HTML 8Page - International Rectifier IPS5451 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Over temperature protection (with auto-restart)
• Over current shutdown
• Active clamp
• E.S.D protection
• Status feedback
• Open load detection
• Logic ground isolated from power ground
IPS5451/IPS5451S
Data Sheet No.PD60159-K
Description
The IPS5451/IPS5451S are fully protected five terminal
high side switch with built in short circuit, over-tempera-
ture, ESD protection, inductive load capability and
diagnostic feedback. The over-current protection latches
off the device if the output current exceeds Ishutdown.
It can be reset by turning the input pin low. The over-
temperature protection turns off the high side switches
if the junction temperature exceeds Tshutdown. It will
automatically restart after the junction has cooled 7oC
below Tshutdown. A diagnostic pin is provided for status
feedback of over-current, over-temperature and open
load detection. The double level shifter circuitry allows
large offsets between the logic ground and the load
ground.
Product Summary
Rds(on)
25m
Ω (max)
V clamp
50V
Ishutdown
35A
Iopen load
1A
Typical Connection
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
Packages
5 Lead
TO220 - IPS5451
5 Lead
SMD220 - IPS5451S
Truth Table
Op. Conditions
Normal
Normal
Open load
Open load
Over current
Over current
Over-temperature
Over-temperature
In
H
L
H
L
H
L
H
L
Out
H
L
H
X
L
L (cycling)
L
L (latched)
Dg
H
H
L
H
L
H
L (cycling)
H
Load
Logic
signal
control
Logic
Logic Gnd
Load Gnd
Vcc
Out
Gnd
In
Dg
+ 5v
Status
feedback
+ VCC
Rdg
Rin
15K
www.irf.com
1


Similar Part No. - IPS5451

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS5451 IRF-IPS5451 Datasheet
194Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5451S IRF-IPS5451S Datasheet
194Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
More results

Similar Description - IPS5451

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS511G IRF-IPS511G Datasheet
182Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521 IRF-IPS521 Datasheet
188Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521G IRF-IPS521G Datasheet
137Kb / 9P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS54511 IRF-IPS54511 Datasheet
194Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS511 IRF-IPS511 Datasheet
191Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5551T IRF-IPS5551T Datasheet
119Kb / 10P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS5751 IRF-IPS5751 Datasheet
227Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS511GTR IRF-IPS511GTR Datasheet
183Kb / 11P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
IPS521PBF IRF-IPS521PBF Datasheet
198Kb / 12P
FULLY PROTECTED HIGH SIDE POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com