Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1620F Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MD1620F
Description  5V Stepping Down DC to DC Converter Power IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MD1620F Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MD1620F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vref
Vcc
UVLO
START =11.3V
STOP =10.8V
BOOT reference
Vref=11V
Driver
Vref=Vout+10V
Main Switch
MOS OFF
driver
reference
Vref=5V+
-5%
Vboot
VB
VG
VDD
TAB2
TAB1
22
23
6
5
26
CHOUT
25
28
27
amp-
ampOUT
S/S
1
F/B OCL-
224
OCL+
3
4
GND
P.GND
VOUT
CLM Vth=
0.1~0.2V
OSC
f=250kHz
TSD
Q
R
3V
1V
2.5V
5.0VF/B
S
Error amp
PWM Comp
8~11
-
100 C
150 C
VOUT
VB
OCL+
F/B OCL-
P.GND
S/S
GND
GND
GND
CHOUT
OUTPUT
5V
INPUT
12~57V
amp-
amp OUT
VCC
VDD
Vboot
MD1620F
21 : N/C
TAB2 : VDD
28 : amp
-
27 : ampOUT
26 : Vref
25 : CHOUT
24 : GND
23 : VB
22 : VG
S/S : 1
F/B OCL
- : 2
OCL
+ : 3
GND : 4
Vcc : 5
Vboot : 6
N/C : 7
VOUT : TAB1
20 : N/C
19 : N/C
18 : N/C
17 : N/C
16 : N/C
15 : N/C
P.GND : 8
P.GND : 9
P.GND : 10
P.GND : 11
N/C : 12
N/C : 13
N/C : 14
Block Diagram
Application Example
Pin Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com