Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1620F Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # MD1620F
Description  5V Stepping Down DC to DC Converter Power IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MD1620F Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  MD1620F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MD1620F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Item
Symbol
Power Supply Voltage
Output MOS Input Voltage
Output Current ( AVE )
Output Current ( PEAK )
Storage Temperature
Junction Temperature
VIN
VDD
IOUTave
IOUTpeak
Tstg
Tj
Rating
60
60
2
3
-40
~150
150
Unit
V
V
A
A
C
C
Item
Input Voltage
Operation Temp
Recommerded Value
12
~57
-10
~80
Unit
V
C
Item
HighsideMOS
Drain-Source Voltage
HighsideMOS
Zero Gate Voltage Drain Current
HighsideMOS
Static Drain-Source On-state Resistance
HighsideMOS
Source-Drain Diode Forward Voltage
LowSideSBD
Maximum Reverse Voltage
LowSideSBD
Forward Voltage
LowSideSBD
Reverse Current
Start up Voltage
Stopping Voltage
Start-Stop Hysteresis
Current Consumption (In Operation)
BOOT terminal voltage
Internal voltage reference
Internal oscillation frequency
Over current threshold vol
SoftStart terminal current
Thermal Shut Down Operation Temp
Symbol
Vdss
Idss
Ron
VSD
VRM
VF
IR
Vcc_start
Vcc_stop
Vcc_hys
Icc
Vboot
Vref
fosc
Vth_OCL
IS/S
T_TSD
Condition
ID =1mA,VGS= 0V
VDS= 60V,VGS= 0V
ID= 1.2A,VGS= 4V
IS= 1.2A,VDS= 0V
-
IF= 1.2A
VR= VRM
-
-
-
Vcc= 12
~57V
Vcc= 12
~57V
Vcc= 12
~57V
Vcc= 48V
Vcc= 48V
Vcc= 48V
-
MIN
60
-
-
-
60
-
-
10.5
10
-
-
10
4.75
212.5
0.162
-20
-
TYP
-
-
270
-
-
-
-
11.25
10.75
0.5
11
11
5
250
0.19
-12.5
150
MAX
-
10
550
1.5
-
0.58
2.5
11.9
11.5
-
13
12.5
5.25
287.5
0.218
-5
-
Unit
V
V
V
V
mA
V
V
V
mA
V
V
kHz
V
C
Absolute Maximum Rating ( Ta=25 )
Electrical Characteristics ( Ta=25 )
Recommended Operation Conditions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com