Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4715AS Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4715AS
Description  OSLON Black Series (850 nm) - 90
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4715AS Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4715AS Datasheet HTML 1Page - OSRAM GmbH SFH4715AS Datasheet HTML 2Page - OSRAM GmbH SFH4715AS Datasheet HTML 3Page - OSRAM GmbH SFH4715AS Datasheet HTML 4Page - OSRAM GmbH SFH4715AS Datasheet HTML 5Page - OSRAM GmbH SFH4715AS Datasheet HTML 6Page - OSRAM GmbH SFH4715AS Datasheet HTML 7Page - OSRAM GmbH SFH4715AS Datasheet HTML 8Page - OSRAM GmbH SFH4715AS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2016-01-29
1
2016-01-29
OSLON Black Series (850 nm) - 90°
Version 1.3
SFH 4715AS
Ordering Information
Features:
IR lightsource with high efficiency
Double Stack emitter
Low thermal resistance (Max. 9 K/W)
Centroid wavelength 850 nm
Superior Corrosion Robustness (see chapter package outlines)
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
Infrared Illumination for cameras
Surveillance systems
Machine vision systems
Eye tracking systems
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 1 A, tp = 10 ms
SFH 4715AS
780 (≥ 500)
Q65111A6857
Note:
measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4715AS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4715A OSRAM-SFH4715A Datasheet
781Kb / 14P
OSLON Black Series
SFH4715A-CBDA OSRAM-SFH4715A-CBDA Datasheet
781Kb / 14P
OSLON Black Series
More results

Similar Description - SFH4715AS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4715 OSRAM-SFH4715 Datasheet
214Kb / 10P
OSLON Black Series (850 nm)
SFH4715S OSRAM-SFH4715S Datasheet
229Kb / 10P
OSLON Black Series (850 nm)
SFH4713A OSRAM-SFH4713A Datasheet
710Kb / 13P
OSLON Black Series (850 nm) - 90
SFH4714A OSRAM-SFH4714A Datasheet
572Kb / 13P
OSLON Black Series (850 nm) - 150
SFH4716A OSRAM-SFH4716A Datasheet
501Kb / 14P
OSLON Black Series (850 nm) - 150
SFH4716S OSRAM-SFH4716S Datasheet
498Kb / 13P
OSLON Black Series (850 nm) - 150
logo
ams AG
SFH4714A AMSCO-SFH4714A Datasheet
1Mb / 19P
OSLON Black Series (850 nm) - 150°
Version 1.5 2022-11-04
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4718ASA01 AMSCO-SFH4718ASA01 Datasheet
1Mb / 20P
OSLON Black Series (850 nm) - 50°
Version 1.2 2023-02-15
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com