Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2154 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2154
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2154 Datasheet(HTML) 3 Page - International Rectifier

  IR2154 Datasheet HTML 1Page - International Rectifier IR2154 Datasheet HTML 2Page - International Rectifier IR2154 Datasheet HTML 3Page - International Rectifier IR2154 Datasheet HTML 4Page - International Rectifier IR2154 Datasheet HTML 5Page - International Rectifier IR2154 Datasheet HTML 6Page - International Rectifier IR2154 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IR2154
3
Symbol
Component
Min.
Max.
Units
RT
Timing resistor value
10
—
k
Ω
CT
CT pin capacitor value
330
—
pF
Recommended Component Values
Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CL = 1000 pF, CT = 1 nF and TA = 25°C unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the
respective output leads: HO or LO.
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
VCCUV+
Rising VCC undervoltage lockout threshold
8.1
9.0
9.9
VCCUV-
Falling VCC undervoltage lockout threshold
7.2
8.0
8.8
VCCUVH
VCC undervoltage lockout Hysteresis
0.5
1.0
1.5
IQCCUV
Micropower startup VCC supply current
—
75
150
VCC ≤ VCCUV-
IQCC
Quiescent VCC supply current
—
500
950
VCLAMP
VCC zener clamp voltage
14.4
15.6
16.8
V
ICC = 5mA
Low Voltage Supply Characteristics
V
µA
IR2153 RT vs Frequency
10
100
1000
10000
100000
1000000
10
100
1000
10000
100000
1000000
RT (ohms)
330pf
470pF
1nF
2.2nF
4.7nF
10nF
CT Values
IR2154 RT vs Frequency



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com