Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2154 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2154
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2154 Datasheet(HTML) 1 Page - International Rectifier

  IR2154 Datasheet HTML 1Page - International Rectifier IR2154 Datasheet HTML 2Page - International Rectifier IR2154 Datasheet HTML 3Page - International Rectifier IR2154 Datasheet HTML 4Page - International Rectifier IR2154 Datasheet HTML 5Page - International Rectifier IR2154 Datasheet HTML 6Page - International Rectifier IR2154 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
• Integrated 600V half-bridge gate driver
• 15.6V zener clamp on Vcc
• True micropower start up
• Tighter initial deadtime control
• Low temperature coefficient deadtime
• Shutdown feature (1/6th Vcc) on CT pin
• Increased undervoltage lockout Hysteresis (1V)
• Lower power level-shifting circuit
• Constant LO, HO pulse widths at startup
• Lower di/dt gate driver for better noise immunity
• High side output in phase with RT
• Excellent latch immunity on all inputs and outputs
• ESD protection on all leads
Description
The IR2154 is an improved version of the popular
IR2152 gate driver IC, and incorporates a high voltage
half-bridge gate driver with a front end oscillator simi-
lar to the industry standard CMOS 555 timer. The
IR2154 provides more functionality and is easier to use
than previous ICs. A shutdown feature has been de-
signed into the CT pin, so that both gate driver outputs
can be disabled using a low voltage control signal. In
addition, the gate driver output pulse widths are the
same once the rising undervoltage lockout threshold
on VCC has been reached, resulting in a more stable
profile of frequency vs time at startup. Noise immu-
nity has been improved significantly, both by lowering
the peak di/dt of the gate drivers, and by increasing the
undervoltage lockout hysteresis to 1V. Finally, special
attention has been payed to maximizing the latch
immunity of the device, and providing comprehensive
ESD protection on all pins.
Preliminary Data Sheet No. PD60063
I
IR2154
SELF-OSCILLATING HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
Duty Cycle
50%
Tr/Tp
80/40ns
Vclamp
15.6V
Deadtime (typ.)
1.2 µs
Typical Connection
VB
HO
VS
LO
VCC
RT
CT
COM
600V
MAX
Shutdown
Packages
8 Lead PDIP
8 Lead SOIC


Similar Part No. - IR2154

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2151 IRF-IR2151 Datasheet
254Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151 IRF-IR2151 Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2152 IRF-IR2152 Datasheet
238Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
More results

Similar Description - IR2154

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z_15 Datasheet
94Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603PBF IRF-IR25603PBF_15 Datasheet
693Kb / 12P
Self-Oscillating Half-Bridge Driver
logo
Infineon Technologies A...
IR21531 INFINEON-IR21531 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60131 revM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com