Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4855 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4855
Description  Infrared Emitter (850 nm)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4855 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4855 Datasheet HTML 1Page - OSRAM GmbH SFH4855 Datasheet HTML 2Page - OSRAM GmbH SFH4855 Datasheet HTML 3Page - OSRAM GmbH SFH4855 Datasheet HTML 4Page - OSRAM GmbH SFH4855 Datasheet HTML 5Page - OSRAM GmbH SFH4855 Datasheet HTML 6Page - OSRAM GmbH SFH4855 Datasheet HTML 7Page - OSRAM GmbH SFH4855 Datasheet HTML 8Page - OSRAM GmbH SFH4855 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2015-01-29
1
2015-01-29
Infrared Emitter (850 nm)
IR-Lumineszenzdiode (850 nm)
Version 1.0
SFH 4855
Features:
Besondere Merkmale:
• Wavelength 850nm
Wellenlänge 850nm
• Hermetically sealed package
Hermetisch dichtes Metallgehäuse
• Short switching times
Kurze Schaltzeiten
• Spectral match with silicon photodetectors
Gute spektrale Anpassung an Si-Fotoempfänger
Applications
Anwendungen
• Photointerrupters
Lichtschranken
• Sensor technology
Sensorik
• Light curtains
Lichtgitter
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH4855

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH485 SIEMENS-SFH485 Datasheet
48Kb / 5P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH485 SIEMENS-SFH485 Datasheet
123Kb / 1P
GaAlAs INFRARED EMITTER
SFH485-1 SIEMENS-SFH485-1 Datasheet
123Kb / 1P
GaAlAs INFRARED EMITTER
SFH485-2 SIEMENS-SFH485-2 Datasheet
48Kb / 5P
GaAIAs-IR-Lumineszenzdioden 880 nm GaAIAs Infrared Emitters 880 nm
SFH485-2 SIEMENS-SFH485-2 Datasheet
123Kb / 1P
GaAlAs INFRARED EMITTER
More results

Similar Description - SFH4855

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
SFH4356 OSRAM-SFH4356 Datasheet
435Kb / 11P
Infrared Emitter (850 nm)
SFH4356P OSRAM-SFH4356P Datasheet
267Kb / 12P
Infrared Emitter (850 nm)
SFH4556P OSRAM-SFH4556P Datasheet
253Kb / 12P
Infrared Emitter (850 nm)
SFH4851 OSRAM-SFH4851 Datasheet
262Kb / 11P
Infrared Emitter (850 nm)
SFH4853 OSRAM-SFH4853 Datasheet
284Kb / 11P
Infrared Emitter (850 nm)
SFH4857 OSRAM-SFH4857 Datasheet
460Kb / 12P
Infrared Emitter (850 nm)
SFH7252 OSRAM-SFH7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
SFH-7252 OSRAM-SFH-7252 Datasheet
458Kb / 16P
Infrared Emitter (850 nm) and Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com