Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4878 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4878
Description  1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4878 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4878 Datasheet HTML 1Page - National Semiconductor (TI) LM4878 Datasheet HTML 2Page - National Semiconductor (TI) LM4878 Datasheet HTML 3Page - National Semiconductor (TI) LM4878 Datasheet HTML 4Page - National Semiconductor (TI) LM4878 Datasheet HTML 5Page - National Semiconductor (TI) LM4878 Datasheet HTML 6Page - National Semiconductor (TI) LM4878 Datasheet HTML 7Page - National Semiconductor (TI) LM4878 Datasheet HTML 8Page - National Semiconductor (TI) LM4878 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2500V
ESD Susceptibility (Note 5)
250V
Junction Temperature
150˚C
Soldering Information
See AN-1112 ’Micro-SMD Wafers Level Chip Scale
Package’.
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.0V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V
(Notes 1, 2, 9)
The following specifications apply for V
DD = 5V and 8
Ω Load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4878
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.0
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
5.3
7
mA (max)
I
SD
Shutdown Current
V
PIN5 = 0V
0.01
2
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
50
mV (max)
P
o
Output Power
THD = 0.2% (max);f=1kHz
1
W
THD+N
Total Harmonic Distortion+Noise
P
o = 0.25 Wrms; AVD =2;20Hz
≤
f
≤ 20 kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
DD = 4.9V to 5.1V
65
dB
Electrical Characteristics V
DD = 3.3V
(Notes 1, 2, 9)
The following specifications apply for V
DD = 3.3V and 8
Ω Load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4878
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.0
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
4
mA (max)
I
SD
Shutdown Current
V
PIN5 = 0V
0.01
µA (max)
V
OS
Output Offset Voltage
V
IN = 0V
5
mV (max)
P
o
Output Power
THD = 1% (max);f=1kHz
.5
.45
W
THD+N
Total Harmonic Distortion+Noise
P
o = 0.25 Wrms; AVD =2;20Hz
≤
f
≤ 20 kHz
0.15
%
PSRR
Power Supply Rejection Ratio
V
DD = 3.2V to 3.4V
65
dB
Electrical Characteristics V
DD = 2.6V
(Notes 1, 2, 8, 9)
The following specifications apply for V
DD = 2.6V and 8
Ω Load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4878
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
V
DD
Supply Voltage
2.0
V (min)
5.5
V (max)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A
3.4
mA (max)
I
SD
Shutdown Current
V
PIN5 = 0V
0.01
µA (max)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com