Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4878 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4878
Description  1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4878 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4878 Datasheet HTML 1Page - National Semiconductor (TI) LM4878 Datasheet HTML 2Page - National Semiconductor (TI) LM4878 Datasheet HTML 3Page - National Semiconductor (TI) LM4878 Datasheet HTML 4Page - National Semiconductor (TI) LM4878 Datasheet HTML 5Page - National Semiconductor (TI) LM4878 Datasheet HTML 6Page - National Semiconductor (TI) LM4878 Datasheet HTML 7Page - National Semiconductor (TI) LM4878 Datasheet HTML 8Page - National Semiconductor (TI) LM4878 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM4878
1 Watt Audio Power Amplifier in micro SMD package
with Shutdown Logic Low
General Description
The LM4878 is a bridge-connected audio power amplifier
capable of delivering1Wof continuous average power to an
8
Ω load with less than .2% (THD) from a 5V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. Since the LM4878 does not require
output coupling capacitors or bootstrap capacitors. It is op-
timally suited for low-power portable applications.
The LM4878 features an externally controlled, low-power
consumption shutdown mode, as well as an internal thermal
shutdown protection mechanism.
The unity-gain stable LM4878 can be configured by external
gain-setting resistors.
Key Specifications
j Power Output at 0.2% THD
1 W (typ)
j Shutdown Current
0.01 µA (typ)
Features
n
Internal pulldown resistor on shutdown.
n
micro SMD package (see App. note AN-1112)
n
5V - 2V operation
n
No output coupling capacitors or bootstrap capacitors.
n
Unity-gain stable
n
External gain configuration capability
Applications
n
Cellular Phones
n
Portable Computers
n
Low Voltage Audio Systems
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
10136001
FIGURE 1. Typical Audio Amplifier Application Circuit
October 2002
© 2002 National Semiconductor Corporation
DS101360
www.national.com


Similar Part No. - LM4878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4870 NSC-LM4870 Datasheet
259Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4870M NSC-LM4870M Datasheet
259Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
469Kb / 16P
3W Audio Power Amplifier with Shutdown Mode
logo
Texas Instruments
LM4871 TI1-LM4871 Datasheet
1Mb / 23P
3W Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4878

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4872 NSC-LM4872 Datasheet
425Kb / 14P
1 Watt Audio Power Amplifier in micro SMD package
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
LM4877 NSC-LM4877 Datasheet
427Kb / 14P
1 Watt Audio Power Amplifier in micro SMD package with Shutdown Logic Low
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Texas Instruments
LM4876MM TI-LM4876MM Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com