Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28PCIe25ALIT Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SL28PCIe25ALIT
Description  Integrated voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe25ALIT Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SL28PCIe25ALIT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 12Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 13Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 14Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SL28PCIe25
DOC#: SP-AP-0776 (Rev. 0.2)
Page 11 of 16
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
LACC
Long-term Accuracy
Measured at VDD/2 differential
–
250
ppm
Clock Input
TDC
CLKIN Duty Cycle
Measured at VDD/2
47
53
%
TR/TF
CLKIN Rise and Fall Times
Measured between 0.2VDD and 0.8VDD
0.5
4.0
V/ns
TCCJ
CLKIN Cycle to Cycle Jitter
Measured at VDD/2
–
250
ps
TLTJ
CLKIN Long Term Jitter
Measured at VDD/2
–
350
ps
VIH
Input High Voltage
XIN / CLKIN pin
2
VDD+0.3
V
VIL
Input Low Voltage
XIN / CLKIN pin
–
0.8
V
IIH
Input HighCurrent
XIN / CLKIN pin, VIN = VDD
–
35
uA
IIL
Input LowCurrent
XIN / CLKIN pin, 0 < VIN <0.8
-35
–
uA
SRC at 0.7V
TDC
SRC Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz SRC Period
Measured at 0V differential at 0.1s
9.99900
10.0010
ns
TPERIODSS
100 MHz SRC Period, SSC
Measured at 0V differential at 0.1s
10.02406
10.02607
ns
TPERIODAbs
100 MHz SRC Absolute Period
Measured at 0V differential at 1 clock
9.87400
10.1260
ns
TPERIODSSAbs 100 MHz SRC Absolute Period, SSC
Measured at 0V differential at 1 clock
9.87406
10.1762
ns
TCCJ
SRC Cycle to Cycle Jitter
Measured at 0V differential
–
125
ps
RMSGEN1
Output PCIe* Gen1 REFCLK phase
jitter
BER = 1E-12 (including PLL BW 8 - 16
MHz, ζ = 0.54, Td=10 ns,
Ftrk=1.5 MHz)
0108
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.0
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.1
ps
RMSGEN3
Output phase jitter impact – PCIe*
Gen3
Includes PLL BW 2 - 4 MHz,
CDR = 10MHz)
01.0
ps
LACC
SRC Long Term Accuracy
Measured at 0V differential
–
100
ppm
TR / TF
SRC Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
–
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
REF at 3.3V
TDC
Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Period
Measurement at 1.5V
39.996
40.004
ns
TPERIODAbs
Absolute Period
Measurement at 1.5V
39.32360 40.67640
ns
TR / TF
Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TCCJ
Cycle to Cycle Jitter
Measurement at 1.5V
–
250
ps
LACC
Long Term Accuracy
Measured at 1.5V
–
100
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com