Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL28PCIe25ALIT Datasheet(PDF) 13 Page - Silicon Laboratories

Part # SL28PCIe25ALIT
Description  Integrated voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe25ALIT Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button SL28PCIe25ALIT Datasheet HTML 9Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 10Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 11Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 12Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 13Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 14Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 15Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 16Page - Silicon Laboratories SL28PCIe25ALIT Datasheet HTML 17Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
SL28PCIe25
DOC#: SP-AP-0776 (Rev. 0.2)
Page 13 of 16
Test and Measurement Set-up
For Reference Clock
The following diagram shows the test load configurations for the single-ended REF output signal.
For Differential Clock Signals
This diagram shows the test load configuration for the differential clock signals
Figure 3. Single-ended REF Triple Load Configuration
50
15
Measurement
Point
4 pF
50
15
Measurement
Point
4 pF
50
REF
L2=8"
L2=8"
L2=8"
15
Measurement
Point
4 pF
L1=<0.5"
L1=<0.5"
L1=<0.5"
Figure 4. Single-ended Output Signals (for AC Parameters Measurement)
Figure 5. 0.7V Differential Load Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com