Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRC616 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # FRC616
Description  Recording Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

FRC616 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  FRC616 Datasheet HTML 1Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 2Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 3Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 4Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 5Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 6Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 7Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 8Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INTEGRATED CIRCUITS INC.
aFRC616
Ver. 1.0
2/17
FEATURES
Powerful Power Management Unit
Operating voltage range:
3.0V ~ 6.5V
All function off standby Current: 1uA (Typ.)
Support power-down mode for power saving
Build-in LDO for core and external SPI flash: 2.35V ~ 2.75V
Programmable I/Os
Support 27 GPIOs
Programmable high output voltage: VCORE or VDD
2 hardware SPI interface
Powerful 16-Bits Digital Audio Processor.
8bits-MCU with 16bits-DSP engine as 16-bits audio processor
Selectable PWM or DAC voice output with 16-bits resolution
Support software ADPCM and u-Law and PCM compression library
Support 6KHz ~ 48KHz sample rate
Oscillator
Support internal ROSC, external ROSC external crystal mode
±1% deviation for internal ROSC
±1% deviation for external ROSC with on-system calibration procedure
Memory
Build-in 12K bytes flash structure program memory with 20’000 times
erase/program
Build-in 8K bytes SRAM
Support external SPI flash for voice data storage
Support software memory management library
Single Chip, High Quality Audio/Voice Recording & Playback Solution
Minimum External Components
User Friendly, Easy to Use Operation
Programming & Development Systems Not Required
Nonvolatile Flash Memory Technology
No Battery Backup Required
External Reset pin.
Watch dog timer (WDT)
High Quality Analog to Digital, DAC and PWM module
Resolution up to 16-bits
Built-in Audio-Recording Microphone Amplifier
No External OPAMP or BJT Required
Software simulator AGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com