Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRC616 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # FRC616
Description  Recording Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

FRC616 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  FRC616 Datasheet HTML 1Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 2Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 3Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 4Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 5Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 6Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 7Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 8Page - Aplus Intergrated Circuits FRC616 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
INTEGRATED CIRCUITS INC.
aFRC616
Ver. 1.0
3/17
Configurable analog interface
Differential-ended MIC pre-amp for Low Noise
High Quality Line Receiver
Package :
LQFP44
SOP28
DICE
Voice Duration (seconds) Table with External SPI Flash (4M~128M)
1. aFRC616 + SPI FLASH by 4 bit ADPCM
S. R. (Hz)
SPI-4M
SPI-8M
SPI-16M
SPI-32M
SPI-64M
SPI-128M
SR-24K
42”
85”
170”
341”
682”
1365”
SR-12K
85”
170”
341”
682”
1365”
2730”
SR-8K
128”
256”
512”
1024”
2048”
4096”
2. aFRC616 + SPI FLASH by 8 bit u-low
S.R. (Hz)
SPI-4M
SPI-8M
SPI-16M
SPI-32M
SPI-64M
SPI-128M
SR-24K
21”
42”
85”
170”
341”
682”
SR-12K
42”
85”
170”
341”
682”
1365”
SR-8K
64”
128”
256”
512”
1024”
2048”
3. aFRC616 + SPI FLASH by 16 bit PCM
S.R. (Hz)
SPI-4M
SPI-8M
SPI-16M
SPI-32M
SPI-64M
SPI-128M
SR-24K
10”
21”
42”
85”
170”
341”
SR-12K
21”
42”
85”
170”
341”
682”
SR-8K
32”
64”
128”
256”
512”
1024”
Rosc
47K ohm
60K
76K
95K
115K
147K
189K
S.R.
12K
11K
10K
9K
8K
7K
6K
Ps : the Rosc default [ 47K ] ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com