Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVA5000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OVA5000
Description  Single measurement, all-parameter analysis of devices upto 150 m in length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OVA5000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OVA5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers OVA5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optical Vector AnalyzerTM is a trademark of Luna Innovations Incorporated.
©Luna Innovations Incorporated, Roanoke, VA
All rights reserved.
OVA 5000
LT0VA5000 REV. 005 02/13/2014
PARAMETER
FAST MODE*
AVERAGING MODE*
UNITS
Wavelength Range:
1270-1340 or 1525-1610
nm
Wavelength:
Standard Resolution
1.6
1.6
pm
Accuracy1
±1.5
±1.5
pm
Repeatability
±0.1
±0.1
pm
Optical Phase Error:
±0.05
±0.0075
radians
Loss Characteristics:
Dynamic range2
60
80
dB
Ripple
±0.05
±0.01
dB
Resolution
±0.05
±0.002
dB
Insertion loss accuracy
±0.1
±0.05
dB
Return loss accuracy
±0.2
±0.1
dB
Chromatic Dispersion:
Accuracy
±10
±5
ps/nm
Group Delay:
Range3
6
6
ns
Accuracy
±0.2
±0.1
ps
Loss range2
45
60
dB
PMD:
Range3
6
6
ns
Accuracy
– First Order
±0.03 (100pm steps)
±0.15 (30pm steps)
±0.08
ps
Accuracy
– Second Order
±10
±2
ps2
Loss range2
40
50
dB
PDL:
Extinction ratio
40
50
dB
Accuracy
±0.05
±0.03
dB
Measurement Timing:
Laser sweep rate
70
70
nm/s
All-parameter measurement rate4
30
30
ms/nm
Fully specified measurement time5
12
55
s
Real-time mode update rate6
1
NA
Hz
Maximum Device Length (including leads):
Transmission
150
150
meters
Reflection
75
75
meters
Physical
Weight (Processor not Included)
16.24
35.8
kg
lbs
Case Size (W X D X H)
473 X 420 X 206
18.62 X 16.54 X 8.08
mm
inches
1
Accuracy maintained by an internal NIST-traceable HCN gas cell.
2
8
0, 60 and 50 dB dynamic ranges in ‘Averaging Mode’ for IL, GD and PMD are with the
“High Dynamic Range Averaging” option installed and enabled.
3
Specifies the total device impulse-response duration that may be captured.
4
Rate calculated from combined laser sweep and analysis time per scan.
5
Measurement with full specification (see note 2) over Fast Mode: 40 nm range, and
Averaging Mode: 2.5 nm range. Excludes calibration time.
6
For 2.5 nm scan range.
Fast Mode: no averaged calibration scans, 4 averaged measurement scans, 30 pm
resolution bandwidth, 8 m device length (accuracies verified using NIST certified
artifacts except for IL). High dynamic range option enabled.
Averaging Mode: 4 averaged calibration scans, 64 averaged measurement scans,
30 pm resolution bandwidth, 8 m device length (accuracies verified using NIST
certified artifacts except for IL). High dynamic range option enabled.
*results are typical
CLASS 1 LASER PRODUCT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com