Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVA5000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OVA5000
Description  Single measurement, all-parameter analysis of devices upto 150 m in length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OVA5000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OVA5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers OVA5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPTICAL VECTOR ANALYZERTM
(Model OVA 5000)
www.lunainc.com
3157 State Street | Blacksburg, VA 24060
solutions@lunainc.com
Support phone: 1.866.586.2682
With the OVA 5000, development cost,
production cost and time to market for DWDM
components can be reduced by up to 60%.
KEY FEATURES AND PRODUCT HIGHLIGHTS
•
Single measurement, all-parameter analysis of devices up
to 150 m in length
•
Full C and L band characterization in under 3 seconds
•
High resolution C and L band or O band capability
•
Complete polarization response
•
Real-time measurements
•
User-friendly interface
The Luna
OVA 5000 is the fastest, most accurate and
economical tool for loss, dispersion and polarization
measurements of modern optical networking
equipment. It is the ideal device for single-connection,
all-parameter characterization of fiber components from
couplers to specialty fiber and everything in between
(Fiber Bragg Gratings, arrayed waveguide gratings,
free-space filters, tunable devices, amplifiers, etc.), all
with a single sweep of a tunable laser.
Luna
’s patented characterization technique allows
direct measurement of a passive device’s linear transfer
function allowing the OVA instant access to:
•
Insertion Loss (IL)
•
Polarization Dependent Loss (PDL)
•
Polarization Mode Dispersion (PMD) and Second
Order PMD
•
Chromatic Dispersion (CD)
•
Group Delay (GD)
•
Optical Time Domain Response
•
Jones Matrix Elements
•
Optical Phase Response


Similar Part No. - OVA5000

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
OVA5AA1AB CONNOR-WINFIELD-OVA5AA1AB Datasheet
221Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVA5AA1AB-38.88M CONNOR-WINFIELD-OVA5AA1AB-38.88M Datasheet
221Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVA5AB1AA CONNOR-WINFIELD-OVA5AB1AA Datasheet
152Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
OVA5AB1AA-10M CONNOR-WINFIELD-OVA5AB1AA-10M Datasheet
152Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCVCXO
logo
List of Unclassifed Man...
OVA5AB1BA ETC2-OVA5AB1BA Datasheet
151Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
More results

Similar Description - OVA5000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
Parameter Analyzer
logo
M/A-COM Technology Solu...
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314_15 Datasheet
855Kb / 5P
25關m I-Region Length Devices
MADP-017015-1314 MA-COM-MADP-017015-1314_15 Datasheet
739Kb / 5P
15關m I-Region Length Devices
logo
Analog Intergrations Co...
AN025 AIC-AN025 Datasheet
272Kb / 6P
Analysis of LDO oscillation issues
logo
Fairchild Semiconductor
AN-9067 FAIRCHILD-AN-9067 Datasheet
1Mb / 12P
Analysis of MOSFET Failure Modes in LLC Resonant Converter
logo
Keysight Technologies
N9067C KEYSIGHT-N9067C Datasheet
1Mb / 12P
Pulse Analysis
logo
Schneider Electric
BMXEIA0100 SCHNEIDER-BMXEIA0100 Datasheet
132Kb / 4P
Master module - upto 62 devices on discrete I/O - upto 31 devices on analog I/O
Apr 20, 2022
logo
List of Unclassifed Man...
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
Parameter of Lens
USB-TEMP ETC-USB-TEMP Datasheet
920Kb / 7P
Temperature Measurement Devices
October 2018. Rev 7
logo
Endress+Hauser Group Se...
CM72 EH-CM72 Datasheet
992Kb / 12P
Single-parameter transmitter for Memosens sensors
2022-08-05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com