Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH415 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH415
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH415 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH415 Datasheet HTML 1Page - OSRAM GmbH SFH415 Datasheet HTML 2Page - OSRAM GmbH SFH415 Datasheet HTML 3Page - OSRAM GmbH SFH415 Datasheet HTML 4Page - OSRAM GmbH SFH415 Datasheet HTML 5Page - OSRAM GmbH SFH415 Datasheet HTML 6Page - OSRAM GmbH SFH415 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFH 415
GaAs-IR-Lumineszenzdioden
GaAs Infrared Emitters
Lead (Pb) Free Product - RoHS Compliant
2009-08-21
1
Wesentliche Merkmale
• GaAs-LED mit sehr hohem Wirkungsgrad
• Hohe Zuverlässigkeit
• UL Version erhältlich
• Gute spektrale Anpassung an
Si-Fotoempfänger
• SFH 415: Gehäusegleich mit SFH 300,
SFH 203
Anwendungen
• IR-Fernsteuerung von Fernseh- und
Rundfunkgeräten, Videorecordern,
Lichtdimmern
• Gerätefernsteuerungen für Gleich- und
Wechsellichtbetrieb
• Rauchmelder
• Sensorik
• Diskrete Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (
I
F = 100 mA, tp = 20 ms)
Radiant Intensity Grouping
1)
I
e (mW/sr)
SFH 415
Q62702-P0296
> 25
SFH 415-U
Q62702-P1137
> 40
1) gemessen bei einem Raumwinkel : = 0.01 sr / measured at a solid angle of : = 0.01 sr
Features
• Very highly efficient GaAs-LED
• High reliability
• UL version available
• Spectral match with silicon photodetectors
• SFH 415: Same package as SFH 300,
SFH 203
Applications
• IR remote control of hi-fi and TV-sets, video
tape recorders, dimmers
• Remote control for steady and varying intensity
• Smoke detectors
• Sensor technology
• Discrete interrupters


Similar Part No. - SFH415

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH415 SIEMENS-SFH415 Datasheet
47Kb / 5P
GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
SFH415-T SIEMENS-SFH415-T Datasheet
47Kb / 5P
GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
SFH415-U SIEMENS-SFH415-U Datasheet
47Kb / 5P
GaAs-IR-Lumineszenzdioden GaAs Infrared Emitters
More results

Similar Description - SFH415

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com