Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH485P Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH485P
Description  GaAlAs Infrared Emitter (880 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH485P Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH485P Datasheet HTML 1Page - OSRAM GmbH SFH485P Datasheet HTML 2Page - OSRAM GmbH SFH485P Datasheet HTML 3Page - OSRAM GmbH SFH485P Datasheet HTML 4Page - OSRAM GmbH SFH485P Datasheet HTML 5Page - OSRAM GmbH SFH485P Datasheet HTML 6Page - OSRAM GmbH SFH485P Datasheet HTML 7Page - OSRAM GmbH SFH485P Datasheet HTML 8Page - OSRAM GmbH SFH485P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2009-08-21
2
Version 1.0
SFH 485 P
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
IF= 100 mA, tp= 20 ms
Ie [mW/sr]
SFH 485 P
5 (≥ 3.15)
Q62703Q0516
Note: 5 mm LED package (T 1 3/4), plane violet-colored transparent epoxy resin, solder tabs lead spacing 2.54
mm (1/10’’), anode marking: short lead
Anm:: 5-mm-LED-Gehäuse, plan, klares violettes Epoxy-Gießharz, Lötspieße im 2.54-mm-Raster (1/10’’),
Anodenkennzeichnung: kürzerer Anschluß
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Reverse voltage
Sperrspannung
VR
5V
Forward current
Durchlassstrom
IF
100
mA
Surge current
Stoßstrom
(tp ≤ 10 μs, D = 0)
IFSM
2.5
A
Total power dissipation
Verlustleistung
Ptot
200
mW
Thermal resistance junction - ambient 1) page 12
Wärmewiderstand Sperrschicht - Umgebung
1) Seite 12
RthJA
375
K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com