Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH485P Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH485P
Description  GaAlAs Infrared Emitter (880 nm)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH485P Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH485P Datasheet HTML 2Page - OSRAM GmbH SFH485P Datasheet HTML 3Page - OSRAM GmbH SFH485P Datasheet HTML 4Page - OSRAM GmbH SFH485P Datasheet HTML 5Page - OSRAM GmbH SFH485P Datasheet HTML 6Page - OSRAM GmbH SFH485P Datasheet HTML 7Page - OSRAM GmbH SFH485P Datasheet HTML 8Page - OSRAM GmbH SFH485P Datasheet HTML 9Page - OSRAM GmbH SFH485P Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2009-08-21
6
Version 1.0
SFH 485 P
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF, max = f(TA)
Forward Current
Durchlassstrom
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
T
OHR00880
0
F
Ι
0
20
40
60
80
100
˚C
mA
25
50
75
100
125
10
OHR00881
F
V
-3
-2
10
-1
10
0
10
1
10
01
2
3
4
5
6
V
8
A
Ι
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com