Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4010 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4010
Description  Lead (Pb) Free Product - RoHS Compliant
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4010 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4010 Datasheet HTML 1Page - OSRAM GmbH SFH4010 Datasheet HTML 2Page - OSRAM GmbH SFH4010 Datasheet HTML 3Page - OSRAM GmbH SFH4010 Datasheet HTML 4Page - OSRAM GmbH SFH4010 Datasheet HTML 5Page - OSRAM GmbH SFH4010 Datasheet HTML 6Page - OSRAM GmbH SFH4010 Datasheet HTML 7Page - OSRAM GmbH SFH4010 Datasheet HTML 8Page - OSRAM GmbH SFH4010 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SFH 4010
IR-Lumineszenzdiode
Infrared Emitter
Lead (Pb) Free Product - RoHS Compliant
2008-10-20
1
Wesentliche Merkmale
• Sehr kleines Gehäuse:
(LxBxH) 1,7 mm x 0,8 mm x 0,65 mm
• Typische Peakwellenlänge 950 nm
• Gegurtet lieferbar
Anwendungen
• Miniaturlichtschranken für Gleich- und
Wechsellichtbetrieb
• Industrieelektronik
• „Messen/Steuern/Regeln“
• Sensorik
• Alarm- und Sicherungssysteme
• IR-Freiraumübertragung
Typ
Type
Bestellnummer
Ordering Code
Strahlstärkegruppierung
1) (I
F = 100 mA, tp = 20 ms)
Radiant Intensity Grouping
1)
Ie (mW/sr)
1) gemessen bei einem Raumwinkel Ω = 0.01 sr / measured at a solid angle of Ω = 0.01 sr
SFH 4010
Q65110A6459
> 1.0 (typ. 2.5)
Features
• Very small package:
(LxWxH) 1.7 mm x 0.8 mm x 0.65 mm
• Typical Peak wavelength 950 nm
• Available on tape and reel
Applications
• Miniature photointerrupters
• Industrial electronics
• For drive and control circuits
• Sensor technology
• Alarm and safety equipment
• IR free air transmission
Nicht für Neuentwicklungen im Automobilbereich /
not for new designs in automotive applications


Similar Part No. - SFH4010

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
GaAs INFRARED EMITTER
logo
OSRAM GmbH
SFH401 OSRAM-SFH401 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
Siemens Semiconductor G...
SFH401-2 SIEMENS-SFH401-2 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
SFH401-3 SIEMENS-SFH401-3 Datasheet
64Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter
More results

Similar Description - SFH4010

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LWP473 OSRAM-LWP473 Datasheet
501Kb / 17P
Lead (Pb) Free Product RoHS Compliant
LYA675 OSRAM-LYA675 Datasheet
385Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LSQ971 OSRAM-LSQ971 Datasheet
463Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com