Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLDS90-3 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SPLDS90-3
Description  Nanostack Impuls - Laserdiode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLDS90-3 Datasheet(HTML) 3 Page - OSRAM GmbH

  SPLDS90-3 Datasheet HTML 1Page - OSRAM GmbH SPLDS90-3 Datasheet HTML 2Page - OSRAM GmbH SPLDS90-3 Datasheet HTML 3Page - OSRAM GmbH SPLDS90-3 Datasheet HTML 4Page - OSRAM GmbH SPLDS90-3 Datasheet HTML 5Page - OSRAM GmbH SPLDS90-3 Datasheet HTML 6Page - OSRAM GmbH SPLDS90-3 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Version 1.0
SPL DS90_3
2014-10-30
3
Characteristics (T
A = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
min
typ
max
Number of vertically stacked emitters
Anzahl vertikal angeordneter Emitter
3
Standard pulse center wavelength
Zentrale Impulswellenlänge
λ
pulse
897
903
909
nm
Threshold current
Schwellstrom
I
th
0.55
0.7
A
Differential efficiency
Differentielle Effizienz
η
3.5
3.7
W / A
Aperture size
Austrittsöffnung
w x h
200
x 10
µm x
µm
Beam divergence (FWHM) perpendicular to
pn-junction
Strahldivergenz (Halbwertsbreite) senkrecht zum
pn-Übergang
Θ
⊥
25
30
°
Beam divergence (FWHM) parallel to pn-junction
Strahldivergenz (Halbwertsbreite) parallel zum
pn-Übergang
Θ
||
10
°
Differential series resistance
Differentieller Serienwiderstand
R
s
0.32
0.4
Ω
Characteristic temperature (threshold) 1) page 6
Charakteristische Temperatur (Schwelle) 1) Seite 6
T
0
100
115
K
Note:
All characteristics and limitations refer to pulsed measurements (1µs pulse wifth at 1kHz repetition rate) on
unmounted laser dice. For exemplary characteristicals of laser operation in plastic package see datasheet
SPL PL90_3.
Anm.:
Alle Kenn- und Grenzwerte beziehen sich auf Impulsmessungen (1µs Pulsbreite bei 1kHz
Wiederholfrequenz)
an
unmontierten
Laserchips.
Exemplarische
Werte
zum
Laserbetrieb
im
Plastikgehäuse finden Sie im Datenblatt zu SPL PL90_3.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com