Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4881M Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4881M
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4881M Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM4881M Datasheet HTML 3Page - National Semiconductor (TI) LM4881M Datasheet HTML 4Page - National Semiconductor (TI) LM4881M Datasheet HTML 5Page - National Semiconductor (TI) LM4881M Datasheet HTML 6Page - National Semiconductor (TI) LM4881M Datasheet HTML 7Page - National Semiconductor (TI) LM4881M Datasheet HTML 8Page - National Semiconductor (TI) LM4881M Datasheet HTML 9Page - National Semiconductor (TI) LM4881M Datasheet HTML 10Page - National Semiconductor (TI) LM4881M Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Application Information
SHUTDOWN FUNCTION
In order to reduce power consumption while not in use, the
LM4881 contains a shutdown pin to externally turn off the
amplifier’s bias circuitry. This shutdown feature turns the am-
plifier off when a logic high is placed on the shutdown pin.
The trigger point between a logic low and logic high level is
typically half supply. It is best to switch between ground and
supply to provide maximum device performance. By switch-
ing the shutdown pin to the V
DD, the LM4881 supply current
draw will be minimized in idle mode. While the device will be
disabled with shutdown pin voltages less than V
DD, the idle
current may be greater than the typical value of 0.7 µA. In ei-
ther case, the shutdown pin should be tied to a definite volt-
age because leaving the pin floating may result in an un-
wanted shutdown condition. In many applications, a
microcontroller or microprocessor output is used to control
the shutdown circuitry which provides a quick, smooth tran-
sition into shutdown. Another solution is to use a single-pole,
single-throw switch in conjunction with an external pull-up re-
sistor. When the switch is closed, the shutdown pin is con-
nected to ground and enables the amplifier. If the switch is
open, then the external pull-up resistor will disable the
LM4881. This scheme guarantees that the shutdown pin will
not float which will prevent unwanted state changes.
POWER DISSIPATION
Power dissipation is a major concern when using any power
amplifier and must be thoroughly understood to ensure a
successful design. Equation 1 states the maximum power
dissipation point for a single-ended amplifier operating at a
given supply voltage and driving a specified output load.
P
DMAX =(VDD)
2 /(2
π2R
L)
(1)
Since the LM4881 has two operational amplifiers in one
package, the maximum internal power dissipation point is
twice that of the number which results from Equation 1. Even
with the large internal power dissipation, the LM4881 does
not require heat sinking over a large range of ambient tem-
perature. From Equation 1, assuming a 5V power supply and
an 8
Ω load, the maximum power dissipation point is 158 mW
per amplifier. Thus the maximum package dissipation point
is 317 mW. The maximum power dissipation point obtained
must not be greater than the power dissipation that results
from Equation 2:
P
DMAX =(TJMAX −TA)/ θJA
(2)
For package MUA08A,
θ
JA = 230˚C/W, and for package
M08A,
θ
JA
= 170˚C/W, and for package N08E,
θ
JA
=
107˚C/W. T
JMAX = 150˚C for the LM4881. Depending on the
ambient temperature, T
A, of the system surroundings, Equa-
tion 2 can be used to find the maximum internal power dissi-
pation supported by the IC packaging. If the result of Equa-
tion 1 is greater than that of Equation 2, then either the
supply voltage must be decreased, the load impedance in-
creased or T
A reduced. For the typical application of a 5V
power supply, with an 8
Ω load, the maximum ambient tem-
perature possible without violating the maximum junction
temperature is approximately 96˚C provided that device op-
eration is around the maximum power dissipation point.
Power dissipation is a function of output power and thus, if
typical operation is not around the maximum power dissipa-
tion point, the ambient temperature may be increased ac-
cordingly. Refer to the Typical Performance Characteris-
tics curves for power dissipation information for lower output
powers.
POWER SUPPLY BYPASSING
As with any power amplifer, proper supply bypassing is criti-
cal for low noise performance and high power supply rejec-
tion. The capacitor location on both the bypass and power
supply pins should be as close to the device as possible. As
displayed in the Typical Performance Characteristics sec-
tion, the effect of a larger half supply bypass capacitor is im-
proved low frequency PSRR due to increased half-supply
stability. Typical applications employ a 5V regulator with
10 µF and a 0.1 µF bypass capacitors which aid in supply
stability, but do not eliminate the need for bypassing the sup-
ply nodes of the LM4881. The selection of bypass capaci-
tors, especially C
B, is thus dependent upon desired low fre-
quency PSRR, click and pop performance as explained in
the section, Proper Selection of External Components
section, system cost, and size constraints.
PROPER SELECTION OF EXTERNAL COMPONENTS
Selection of external components when using integrated
power amplifiers is critical to optimize device and system
performance. While the LM4881 is tolerant of external com-
ponent combinations, consideration to component values
must be used to maximize overall system quality.
The LM4881 is unity gain stable and this gives a designer
maximum system flexibility. The LM4881 should be used in
low gain configurations to minimize THD+N values, and
maximum the signal-to-noise ratio. Low gain configurations
require large input signals to obtain a given output power. In-
put signals equal to or greater than 1 Vrms are available
from sources such as audio codecs. Please refer to the sec-
tion, Audio Power Amplifier Design, for a more complete
explanation of proper gain selection.
Besides gain, one of the major considerations is the closed
loop bandwidth of the amplifier. To a large extent, the band-
width is dicated by the choice of external components shown
in
Figure 1. Both the input coupling capacitor, C
i, and the out-
put coupling capacitor, C
o, form first order high pass filters
which limit low frequency response. These values should be
chosen based on needed frequency response for a few dis-
tinct reasons.
Selection of Input and Output Capacitor Size
Large input and output capacitors are both expensive and
space hungry for portable designs. Clearly a certain sized
capacitor is needed to couple in low frequencies without se-
vere attenuation. But in many cases the speakers used in
portable systems, whether internal or external, have little
ability to reproduce signals below 150 Hz. Thus using large
input and output capacitors may not increase system perfor-
mance.
In addition to system cost and size, click and pop perfor-
mance is effected by the size of the input coupling capacitor,
C
i. A larger input coupling capacitor requires more charge to
reach its quiescent DC voltage (nominally 1/2 V
DD). This
charge comes from the output via the feedback and is apt to
create pops upon device enable. Thus, by minimizing the ca-
pacitor size based on necessary low frequency response,
turn on pops can be minimized.
Besides minimizing the input and output capacitor sizes,
careful consideration should be paid to the bypass capacitor
value. Bypass capacitor C
B is the most critical component to
minimize turn on pops since it determines how fast the
LM4881 turns on. The slower the LM4881’s outputs ramp to
their quiescent DC voltage (nominally 1/2 V
DD), the smaller
the turn on pop. Thus choosing C
B equal to 1.0 µF along with
a small value of C
i (in the range of 0.1 µF to 0.39 µF), the
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com