Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4881M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4881M
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4881M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4881M Datasheet HTML 1Page - National Semiconductor (TI) LM4881M Datasheet HTML 2Page - National Semiconductor (TI) LM4881M Datasheet HTML 3Page - National Semiconductor (TI) LM4881M Datasheet HTML 4Page - National Semiconductor (TI) LM4881M Datasheet HTML 5Page - National Semiconductor (TI) LM4881M Datasheet HTML 6Page - National Semiconductor (TI) LM4881M Datasheet HTML 7Page - National Semiconductor (TI) LM4881M Datasheet HTML 8Page - National Semiconductor (TI) LM4881M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM4881
Dual 200 mW Headphone Amplifier with Shutdown Mode
General Description
The LM4881 is a dual audio power amplifier capable of deliv-
ering 200 mW of continuous average power into an 8
Ω load
with 0.1% (THD) from a 5V power supply.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components using surface mount packaging. Since
the LM4881 does not require bootstrap capacitors or snub-
ber networks, it is optimally suited for low-power portable
systems.
The LM4881 features an externally controlled, low power
consumption shutdown mode which is virtually clickless and
popless, as well as an internal thermal shutdown protection
mechanism.
The unity-gain stable LM4881 can be configured by external
gain-setting resistors.
Key Specifications
n THD at 1 kHz at 125 mW
continuous average output
power into 8
Ω
0.1% (max)
n THD at 1 kHz at 75 mW continuous
average output power into 32
Ω
0.02% (typ)
n Output power at 10% THD+N
at 1 kHz into 8
Ω
300 mW (typ)
n Shutdown Current
0.7 µA (typ)
Features
n MSOP surface mount packaging
n Unity-gain stable
n External gain configuration capability
n Thermal shutdown protection circuitry
n No bootstrap capacitors, or snubber circuits are
necessary
Applications
n Headphone Amplifier
n Personal Computers
n Microphone Preamplifier
Typical Application
Connection Diagrams
Boomer® is a registered trademark of National Semiconductor Corporation.
DS100005-1
*Refer to the Application Information Section for information concerning
proper selection of the input and output coupling capacitors.
FIGURE 1. Typical Audio Amplifier Application Circuit
MSOP Package
DS100005-2
SOP and DIP Package
DS100005-38
Top View
Order Number LM4881MM, LM4881M, or LM4881N
See NS Package Number MUA08A, M08A, or N08E
September 1997
© 1999 National Semiconductor Corporation
DS100005
www.national.com


Similar Part No. - LM4881M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4881M/NOPB TI-LM4881M/NOPB Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4881M/NOPB TI2-LM4881M/NOPB Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
LM4881M/NOPB.A TI2-LM4881M/NOPB.A Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
LM4881MM/NOPB TI-LM4881MM/NOPB Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4881MM/NOPB TI2-LM4881MM/NOPB Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
More results

Similar Description - LM4881M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com