Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25VB60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S25VB60
Description  GENERAL PURPOSE RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S25VB60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S25VB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S25VB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S25VB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S25VB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S25VB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600V 25A
Copyright & Copy;2002 Shindengen Electric Mfg.Co.,Ltd.
OUTLINE DIMENSIONS
RATINGS
SHINDENGEN
Unit : mm
Case:S25VB
S25VB60
General Purpose Rectifiers
œ@Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings Unit
Storage Temperature
Tstg
-40`150 Ž
Operating Junction Temperature
Tj
150
Ž
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO 50Hz sine wave, R-load With heatsink, Tc=85Ž
25
A
50Hz sine wave, R-load Without heatsink, Ta=40Ž
6
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25Ž
400
A
Current Squared Time
I2t 1ms…tƒ10ms@Tj=25Ž
800
A2]
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2kV
Mounting Torque
TOR iRecommended torque : 1N¥mj
2N¥m
œ@Electrical Characteristics (Tc=25Ž)
Item
Symbol
Conditions
Ratings Unit
Forward Voltage
VF IF=12.5A, Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM, Pulse measurement, Rating of per diode
Max.10 ÊA
Thermal Resistance
Æjc junction to case @
Max.1.5 Ž/W
Square In-line Package


Similar Part No. - S25VB60

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
S25VB60 LRC-S25VB60 Datasheet
80Kb / 1P
High Current Glass Passivated Single-Phase Bridge Rectifier
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 1P
SEMICONDUCTOR
logo
Yangzhou yangjie electr...
S25VB60 YANGJIE-S25VB60 Datasheet
91Kb / 2P
Bridge Rectifier
logo
Leshan Radio Company
S25VB60 LRC-S25VB60 Datasheet
223Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Kingtronics Internation...
S25VB60 KINGTRONICS-S25VB60 Datasheet
362Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 25 Ampere
More results

Similar Description - S25VB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
S1A FAIRCHILD-S1A Datasheet
68Kb / 3P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
General Purpose Rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
General Purpose Rectifiers
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
General Purpose Rectifiers
logo
Dongguan City Niuhang E...
S2M NIUHANG-S2M Datasheet
398Kb / 3P
GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com