Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890IBP Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4890IBP
Description  1 Watt Audio Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4890IBP Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM4890IBP Datasheet HTML 12Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 13Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 14Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 15Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 16Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 17Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 18Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 19Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Typical Performance Characteristics (Continued)
Open Loop Frequency Response
V
DD = 5V, No Load
Open Loop Frequency Response
V
DD = 3V, No Load
20019281
20019282
Gain / Phase Response, A
V =2
V
DD = 5V, 8
Ω Load, C
LOAD = 500pF
Gain / Phase Response, A
V =4
V
DD = 5V, 8
Ω Load, C
LOAD = 500pF
200192B2
200192B3
Phase Margin vs C
LOAD,AV =2
V
DD = 5V, 8
Ω Load
Capacitance to gnd on each output
Phase Margin vs C
LOAD,AV =4
V
DD = 5V, 8
Ω Load
Capacitance to gnd on each output
200192A5
200192A6
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com