Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4890IBP Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4890IBP
Description  1 Watt Audio Power Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4890IBP Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM4890IBP Datasheet HTML 16Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 17Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 18Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 19Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 20Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 21Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 22Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 23Page - National Semiconductor (TI) LM4890IBP Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Application Information (Continued)
As stated in the External Components section, R
IN in con-
junction with C
IN create a highpass filter.
C
IN
≥ 1/(2π*20 kΩ*20Hz) = 0.397µF; use 0.39µF
The high frequency pole is determined by the product of the
desired frequency pole, f
H, and the differential gain, AVD.
With a A
VD = 3 and fH = 100kHz, the resulting GBWP =
300kHz which is much smaller than the LM4890 GBWP of
2.5MHz. This calculation shows that if a designer has a need
to design an amplifier with a higher differential gain, the
LM4890 can still be used without running into bandwidth
limitations.
The LM4890 is unity-gain stable and requires no external
components besides gain-setting resistors, an input coupling
capacitor, and proper supply bypassing in the typical appli-
cation. However, if a closed-loop differential gain of greater
than 10 is required, a feedback capacitor (C4) may be
needed as shown in Figure 2 to bandwidth limit the amplifier.
This feedback capacitor creates a low pass filter that elimi-
nates possible high frequency oscillations. Care should be
taken when calculating the -3dB frequency in that an incor-
rect combination of R
3
and C
4
will cause rolloff before
20kHz. A typical combination of feedback resistor and ca-
pacitor that will not produce audio band high frequency rolloff
is R
3 = 20k
Ω and C
4 = 25pf. These components result in a
-3dB point of approximately 320 kHz.
HIGHER GAIN AUDIO AMPLIFIER
20019224
FIGURE 2.
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com