Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT1007TLD Datasheet(PDF) 7 Page - COSMO Electronics Corporation

Part # KT1007TLD
Description  4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT1007TLD Datasheet(HTML) 7 Page - COSMO Electronics Corporation

Back Button KT1007TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 9Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 10Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P00006.3
- 7 -
http://www.cosmo-ic.com
cosmo
KT1000 Series
4PIN LSOP PHOTOTRANSISTOR
PHOTOCOUPLER
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Time(s) of reflow:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine (The
flux with a maximum chlorine content of 0.2 Wt% is
recommended.)
Recommended Temperature Profile of Infrared Reflow
18 0 ℃
19 0 ℃
23 0 ℃
26 0 ℃
60 -1 2 0 s e c
30 -6 0 s e c
t (s )
1 0 se c M a x.
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Time(s) of reflow:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com