Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT1007TLD Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KT1007TLD
Description  4PIN LSOP PHOTOTRANSISTOR PHOTOCOUPLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KT1007TLD Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KT1007TLD Datasheet HTML 1Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 2Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 3Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 4Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 5Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 6Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 7Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 8Page - COSMO  Electronics Corporation KT1007TLD Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P00006.3
- 5 -
http://www.cosmo-ic.com
cosmo
KT1000 Series
4PIN LSOP PHOTOTRANSISTOR
PHOTOCOUPLER
Fig.6 Collector Current
vs. Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio
vs. Ambient Temperature
0
51 0
P (M AX )
C
1 0
2 0
4 0
3 0
5 0
I
= 5 m A
F
Ta = 2 5
℃
I
= 1 0 m A
F
I
= 2 0 m A
F
I
= 3 0 m A
F
-55
0
-25
50
25
50
100
75
150
100
0
I =5m A
V ce=5V
F
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Fig.9 Collector-Emitter Saturation
Voltage vs. Forward Current
0
-5 5
0
5 0
2 5
75
10 0
Ic = 1 m A
0.02
0.04
0.06
0.10
0.08
0.12
0.16
0.14
I = 1 0 m A
F
Ic=1m A
0
0
5
1
2
3
4
5
6
10
Ic=7m A
Ic=5m A
Ic=3m A
Ta=25°
Ic=0.5m A
C
7
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10 Response Time (Rise)
vs. Load Resistance
Fig.11 Response Time (Fall)
vs. Load Resistance
10
1
0.1
tr
0. 5
0. 2
0. 1
1
2
5
10
20
10 0
50
Ic = 2 m A
V
= 2 V
Ta = 2 5 ° C
CE
10
0. 1
1
0. 1
0. 2
1
0. 5
5
2
20
10
Ta = 2 5 °
Ic = 2 m A
V
= 2 V
10 0
50
C
tf
CE
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com