Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATADAPCAN01 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATADAPCAN01
Description  STK500 starter kit, serial cable and power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATADAPCAN01 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATADAPCAN01 Datasheet HTML 1Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 2Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 3Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 4Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 5Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
AT90CAN128
4330B–CAN–03/04
CAN Bus Interface
Several options are available to physically connect the ATADAPCAN01 to a CAN bus.
BUS Connectors
The D-SUB-9 MALE connector is the primary connection point to a CAN bus. Alterna-
tively, the 10-pin header labelled "CAN BUS flat-cable" can be used, or both connectors
can be used if the CAN bus topology requires it. Both connectors are wired according to
CiA Draft Standard 102 version 2.0 as shown in table 1.
Table 1. CAN Bus Connector Wiring
Note:
1. CAN_SHLD pins are not connected together internally
CAN BUS Grounding and
Shielding
The "CAN_SHLD" signal in each of the two CAN bus connectors can be optionally con-
nected to ground by mounting 0 ohm or small value resistors in positions R2 (for D-SUB-
9) and R3 (for flat-cable). The landing pads of both R2 and R3 are 1206 standard size.
By default, the "CAN_GND" signals in both connectors are wired to the STK500 ground
through 0 ohm resistor R1. Removing R1 will isolate the "CAN_GND" ground signals on
the CAN bus from the STK500 / ATADAPCAN01 ground.
CAN BUS Termination
To function correctly, a CAN bus requires 120 ohm termination on both ends. The
ATADAPCAN01 can become a terminated node on the CAN bus simply by setting the
jumper labelled "TERM". This terminates the CAN bus with two series-connected 62
ohm resistors. Setting the jumper labelled "SPLIT" connects the centre-tap between
these two resistors to ground through 10nF capacitor C1. This reduces common-mode
noise on the bus line. This centre tap can also be stabilised as described later in the
”Split voltage” section (if supported by the CAN transceiver mounted in "CAN1").
CAN Transceiver Options The ATADAPCAN01 board has two CAN transceiver footprints. This is to facilitate easy
evaluation of alternate CAN devices as well as to provide access to various extra fea-
tures of some of these parts. Refer to the schematic diagram in Figure 2 (below) while
considering these options.
Both "CAN1" and "CAN2" footprints use standard CAN device pinouts for pins 1, 2, 3, 4,
6 and 7. By default, "CAN1" is mounted on the board (Atmel ATA6660). To use a device
in "CAN2", solder the device to the board, and remove the 0 ohm ’resistors’ labelled R8,
R9 R10 from the "CAN1" section, and mount them into the "CAN2" section in positions
R11, R12, R13. Although it is acceptable that idle CAN transceivers remain attached to
the CAN bus, only one CAN device should be connected to the AVR device at any time.
Signal Description
D-SUB-9 pin
Flat-cable Pin
Reserved
1
1
CAN_L
2
3
CAN_GND
3
5
Reserved
4
7
CAN_SHLD*
5(1)
9(1)
CAN_GND
6
2
CAN_H
7
4
Reserved
8
6
CAN_V+
9
8
(not used)
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com