Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATADAPCAN01 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATADAPCAN01
Description  STK500 starter kit, serial cable and power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATADAPCAN01 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATADAPCAN01 Datasheet HTML 1Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 2Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 3Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 4Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 5Page - ATMEL Corporation ATADAPCAN01 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
AT90CAN128
4330B–CAN–03/04
Figure 2. Component Placement
Utilising CAN-
Transceiver Extra-
features
Many CAN transceiver devices available have various extra functions accessible
through pins 5 and 8. The ATADAPCAN01 allows you to take advantage of some of
these features. Pin 8 on both "CAN1" and "CAN2" footprints are connected centre pin of
the "SLOPE CTRL" connector. Pin 5 of "CAN1" is connected to the centre-tap of the ter-
mination network, and pin 5 of "CAN2" is connected to R6 and C2 as shown in Figure 2.
Slope Control (pin 8,
"CAN1" and "CAN2")
CAN transceivers supporting slope or slew-rate control allow a resistor to be connected
between the RS pin (pin 8) and ground to limit the slope of the bus-driving signal. This
reduced EMI emmissions while restricting the maximum transmission rate. Pin 8 on both
"CAN1" and "CAN2" devices are connected to the centre pin of the "SLOPE CTRL"
jumper. Setting the jumper to the ON position, connects the centre pin to ground through
resistor R7, while setting it to the OFF position connects the centre pin directly to ground
(for no slope control, or high-speed mode). Refer to the CAN transceiver device docu-
mentation for information on selecting the value of R7 (24k by default).
Standby Function (pin 8,
"CAN1" and "CAN2")
On some CAN transceivers, pin 8 can be driven by a logic level to switch the transceiver
into standby mode. The centre pin of the "SLOPE CTRL" header (with the jumper
removed) can be connected to an I/O pin on the AVR device for this purpose. Your AVR
code should drive this signal as specified in the CAN transceiver documentation.
Shutdown Function
(pin 5, "CAN2")
Some CAN transceivers have a SHUTDOWN function which is configured by an R-C
connection on pin 5. Pin 5 of the "CAN2" footprint is connected to resistor R6 to Vcc and
capacitor C2 to ground, as shown in the schematic diagram. By default R6 is a 0 ohm
connection to Vcc and C2 is not mounted. Both parts are 0603 size. Consult the CAN
transceiver documentation for further information.
Split Voltage (pin 5,
"CAN1")
The centre-point of the CAN bus termination (if enabled) can be stabilised by connecting
it to pin 5 of certain CAN transceivers. If the CAN transceiver supports this feature, a 0
ohm 0603 resistor can be mounted in R14, with the "SPLIT" and "TERM" jumpers set
accordingly (see Section ”CAN bus termination”).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com