Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK521 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # STK521
Description  Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK521 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button STK521 Datasheet HTML 3Page - ATMEL Corporation STK521 Datasheet HTML 4Page - ATMEL Corporation STK521 Datasheet HTML 5Page - ATMEL Corporation STK521 Datasheet HTML 6Page - ATMEL Corporation STK521 Datasheet HTML 7Page - ATMEL Corporation STK521 Datasheet HTML 8Page - ATMEL Corporation STK521 Datasheet HTML 9Page - ATMEL Corporation STK521 Datasheet HTML 10Page - ATMEL Corporation STK521 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
STK521 User Guide
2-5
8194B–AVR–01/12
2.3
Programming the AVR
The Atmel AT90PWM81 can be programmed using both serial SPI and high-voltage parallel program-
ming. This section will explain how to connect the programming cables to successfully use one of these
two modes. The Atmel AVR Studio STK500 software is used in the same way as for other AVR parts.
Note:
The AT90PWM81 also supports Self Programming, see the Atmel AVR109 application note for
more information on this topic.
2.3.1
Serial in-system programming
Figure 2-3.
Serial in-system programming.
To program the AT90PWM81 using ISP programming mode, connect the 6-wire cable between the
ISP6PIN connector on the Atmel STK500 board and the ISP connector on the Atmel STK521 board as
shown in Figure 2-3. The device can be programmed using the Serial Programming mode in the AVR
Studio 4 STK500 software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com