Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK521 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # STK521
Description  Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK521 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button STK521 Datasheet HTML 5Page - ATMEL Corporation STK521 Datasheet HTML 6Page - ATMEL Corporation STK521 Datasheet HTML 7Page - ATMEL Corporation STK521 Datasheet HTML 8Page - ATMEL Corporation STK521 Datasheet HTML 9Page - ATMEL Corporation STK521 Datasheet HTML 10Page - ATMEL Corporation STK521 Datasheet HTML 11Page - ATMEL Corporation STK521 Datasheet HTML 12Page - ATMEL Corporation STK521 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
STK521 User Guide
2-7
8194B–AVR–01/12
To program the AVR using high-voltage (parallel) programming, connect the PROG_CTRL of the Atmel
STK500 to PRG_CTRL of the Atmel STK521 and PROG_DATA of STK500 to PRG_DATA of STK521
as shown in Figure 2-4. Make sure that the CLOCK switch is placed in the STK500 position.
The STK500 and STK521 jumpers & switches must must be configured as follows :
Table 2-2. High-Voltage programming jumper settings for the Atmel AT90PWM81.
Table 2-3. High-voltage programming switches settings for AT90PWM81.
The device can now be programmed using the high-voltage programming mode in the Atmel AVR Studio
STK500 software.
Note:
See the Atmel STK500 User Guide for information on how to use the STK500 front-end software
in high-voltage programming mode.
For the high-voltage programming mode to function correctly, the target voltage must be higher
than 4.5V.
2.4
Atmel AVR JTAGICE mkII Connector
See the following document :
“JTAGICE mkII Quick Start Guide” which purpose is “Connecting to a target board with the AVR
JTAGICE mkII”.
This note explains which signals are required for ISP and which signals are required for debugWIRE.
Figure 2-5 shows how to connect the Atmel AVR JTAGICE mkII probe on the STK521 board.
STK500
VTARGET
Mounted
AREF
Open
RESET
Mounted
XTAL1
Mounted
OSCSEL
Mounted, pin 1 and 2
BSEL2
Mounted
PJUMP
Open
STK521
POWER
VTG
CLOCK
STK500
RESET
RST/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com