Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM494 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM494
Description  Pulse Width Modulated Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM494 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM494 Datasheet HTML 1Page - National Semiconductor (TI) LM494 Datasheet HTML 2Page - National Semiconductor (TI) LM494 Datasheet HTML 3Page - National Semiconductor (TI) LM494 Datasheet HTML 4Page - National Semiconductor (TI) LM494 Datasheet HTML 5Page - National Semiconductor (TI) LM494 Datasheet HTML 6Page - National Semiconductor (TI) LM494 Datasheet HTML 7Page - National Semiconductor (TI) LM494 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Functional Description
The basic oscillator (switching) frequency is controlled by an
external resistor (RT) and capacitor (CT) The relationship
between the values of RT CT and frequency is shown in
Figure 10
The level of the sawtooth wave form is compared with an
error voltage by the pulse width modulated comparator The
output of the PWM Comparator directs the pulse steering
flip-flop and the output control logic
The error voltage is generated by the error amplifier The
error amplifier boosts the voltage difference between the
output and the 50V internal reference See
Figure 7 for
error amp sensing techniques The second error amp is typi-
cally used to implement current-limiting
The output control logic selects either push-pull or single-
ended operation of the output transistors (see
Figure 6 )
The dead time control prevents on-state overlap of the out-
put transistors as can be seen in
Figure 5 The dead time is
approximately 30% or 50% of the total period if the dead
time control is grounded This dead time can be increased
by connecting the dead time control to a voltage up to 50V
The frequency response of the error amps
(Figure 11) can
be modified by using external resistors and capacitors
These components are typically connected between the
compensation terminal and the inverting input of the error
amps
The switching frequency of two or more LM494 circuits can
be synchronized The timing capacitor CT is connected as
shown in
Figure 8 Charging current is provided by the mas-
ter circuit Discharging is through all the circuits slaved to
the master RT is required only for the master circuit
Test Circuits
TLH10056 – 3
FIGURE 1 Error Amplifier Test Circuit
TLH10056 – 4
FIGURE 2 Current Limit Sense
Amplifier Test Circuit
TLH10056 – 5
TLH10056 – 6
FIGURE 3 Common Emitter Configuration
Test Circuit and Waveform
TLH10056 – 7
TLH10056 – 8
FIGURE 4 Emitter Follower Configuration
Test Circuit and Waveform
TLH10056 – 9
FIGURE 5 Dead Time and Feedback
Control Test Circuit
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com