Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM494 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM494
Description  Pulse Width Modulated Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM494 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM494 Datasheet HTML 1Page - National Semiconductor (TI) LM494 Datasheet HTML 2Page - National Semiconductor (TI) LM494 Datasheet HTML 3Page - National Semiconductor (TI) LM494 Datasheet HTML 4Page - National Semiconductor (TI) LM494 Datasheet HTML 5Page - National Semiconductor (TI) LM494 Datasheet HTML 6Page - National Semiconductor (TI) LM494 Datasheet HTML 7Page - National Semiconductor (TI) LM494 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH10056
June 1989
LM494
Pulse Width Modulated Control Circuit
General Description
The LM494 is a monolithic integrated circuit which includes
all the necessary building blocks for the design of pulse
width modulated (PWM) switching power supplies including
push-pull bridge and series configurations The device can
operate at switching frequencies between 10 kHz and
300 kHz and output voltages up to 40V The operating tem-
perature range specified for the LM494C is 0 Cto70 C and
for the LM494V is b40 Cto a85 C
Features
Y
Uncommitted output transistors capable of 200 mA
source or sink
Y
On-chip error amplifiers
Y
On-chip 50V reference
Y
Internal protection from double pulsing of outputs with
narrow pulse widths or with supply voltages below
specified limits
Y
Dead time control comparator
Y
Output control selects single ended or push-pull opera-
tion
Y
Easily synchronized (slaved) to other circuits
Block Diagram
TLH10056 – 2
Connection Diagram
16-Lead DIP
TLH10056 – 1
Top View
Ordering Information
Device
Package
Package
Code
Code
Description
LM494IN
N16A
Molded DIP
LM494CJ
J16A
Ceramic DIP
LM494CN
N16A
Molded DIP
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM494

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
6W Streo Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940 Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
LM4940 TI2-LM4940 Datasheet
1Mb / 25P
LM4940 6W Stereo Audio Power Amplifier
REVISED MAY 2013
LM4940TS/NOPB TI1-LM4940TS/NOPB Datasheet
1Mb / 23P
6W Stereo Audio Power Amplifier
LM4940TS/NOPB TI2-LM4940TS/NOPB Datasheet
1Mb / 25P
LM4940 6W Stereo Audio Power Amplifier
REVISED MAY 2013
More results

Similar Description - LM494

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Allegro MicroSystems
2962 ALLEGRO-2962 Datasheet
141Kb / 8P
DUAL SOLENOID/MOTOR DRIVER .PULSE-WIDTH MODULATED CURRENT CONTROL
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_05 Datasheet
145Kb / 10P
Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Linear Dimensions Semic...
LND-SA55 LINEAR_DIMENSIONS-LND-SA55 Datasheet
112Kb / 1P
Pulse Width Modulated Amplifier
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3525A ONSEMI-SG3525A_09 Datasheet
146Kb / 10P
Pulse Width Modulator Control Circuit
January, 2005 ??Rev. 5
logo
Shindengen Electric Mfg...
MCZ3001D SHINDENGEN-MCZ3001D Datasheet
154Kb / 2P
Pulse Width Modulated Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com