Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F322 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC10F322
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322 Datasheet(HTML) 3 Page - Microchip Technology

  PIC10F322 Datasheet HTML 1Page - Microchip Technology PIC10F322 Datasheet HTML 2Page - Microchip Technology PIC10F322 Datasheet HTML 3Page - Microchip Technology PIC10F322 Datasheet HTML 4Page - Microchip Technology PIC10F322 Datasheet HTML 5Page - Microchip Technology PIC10F322 Datasheet HTML 6Page - Microchip Technology PIC10F322 Datasheet HTML 7Page - Microchip Technology PIC10F322 Datasheet HTML 8Page - Microchip Technology PIC10F322 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
8-bit PIC®Microcontroller Solutions
Global Support
Microchip provides 24/7 global technical support via online
and phone access to hundreds of dedicated field application
engineers, more than 50 sales offices and our authorized
distributor network. Microchip also offers standard code
libraries, reference designs, application notes and seminars
on-line and at Microchip Regional Training Centers.
www.microchip.com/8bitresources
Trusted partner
While MCU core commonality is a trend, there are no “drop
in” replacements. The reality of MCU selection is that you
are entering into a partnership with your MCU supplier. To
ensure success, technology leadership is critical, but it is
equally important to work with a partner that is committed
to strong business fundamentals such as:
■ Financial security to weather any economic downturns
■ Industry-leading lead times
■ Industry-leading quality and reliability
(ISO/TS-16949 qualified)
■ Industry-leading EOL policy
eXtreme Low Power (XLP)
■ Active current as low as
< 30 µA/MHz
■ Sleep current as low as
< 10 nA
■ Battery lifetime > 20 years
Essential Features
■ 5V+ operation
■ EEPROM
■ LCD, mTouch™
Sensing Solutions
■ USB, CAN, Ethernet
■ Analog Integration
■ Peripheral Pin Select
Core Independent Peripherals
■ Configurable Logic Cell (CLC)
■ Complementary Waveform/Output Generator (CWG/COG)
■ Numerically Controlled Oscillator (NCO)
■ Programmable Switch Mode Controller (PSMC)
■ Signal Measurement Timer
■ Hardware Limit Timer
Intelligent Analog
■ Rail-to-rail op amps
■ Fast comparators
■ 12b/10b/8b ADC
■ 9b/8b/5b DAC
■ Zero Cross Detect (ZCD)
■ Slope Compensation
Design Support
■ Free MPLAB X Integrated
Development Environment
■ Free C Compilers
■ Comprehensive technical
documentation
■ World-class 24/7 technical support
and training
Small Form Factors
■ As small as 8-pin 2 × 3 UQFN
and 28-pin 4 × 4 UQFN
■ Many other package
options available, e.g.
3 × 3 QFN, 5 × 5 UQFN,
0.5 mm z-dimension
Faster Time-to-Market
■ Free software
■ Pin and code compatibility, easy migration
■ Pre-programmed parts via Quick Turn
Programming (QTP)
■ MPLAB Code Configurator
8-bit PIC Microcontroller Key Highlights
Safety Critical Features
■ CRC and Memory Scan
■ Windowed Watchdog Timer
■ Hardware Limit Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com