Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC10F322 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC10F322
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC10F322 Datasheet HTML 4Page - Microchip Technology PIC10F322 Datasheet HTML 5Page - Microchip Technology PIC10F322 Datasheet HTML 6Page - Microchip Technology PIC10F322 Datasheet HTML 7Page - Microchip Technology PIC10F322 Datasheet HTML 8Page - Microchip Technology PIC10F322 Datasheet HTML 9Page - Microchip Technology PIC10F322 Datasheet HTML 10Page - Microchip Technology PIC10F322 Datasheet HTML 11Page - Microchip Technology PIC10F322 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 8-bit PIC®Microcontroller Solutions
Development Tools
Low Pin Count USB Development Kit
(DV164139-2/DM164127-2)
■ Development platform for 14 and
20-pin USB MCUs
■ For evaluation of PIC16F145X
and PIC18F14K50/13K50 20-pin
USB MCUs
■ Contains hardware, software and code examples
■ Self-directed course and lab materials
PICDEM Full-Speed USB Demo Kit (DM163025-1)
■ Evaluation platform for
PIC18F2X/4XK50 family of
USB MCUs
■ Full speed USB 2.0 device without
the need for an external crystal
■ Populated with the PIC18F45K50
PIC18F87J94 PIM Demo Board (MA180033)
■ Features 80-pin PIC18F87J94 MCU
for evaluation of all 80- and 64-pin
PIC18F97J94 USB/LCD/General
Purpose MCUs
■ Can be used with PIC18 Explorer
Board (DM183032) for additional
functionality
■ Contains code examples
USB
USB communication is growing in popularity for remote
upgrades, downloading data and other portable serial
communication applications. Microchip’s USB PIC
MCUs bring the benefits of full-speed USB to a broad
range of embedded designs that can operate in various
environments and locations, enabling easy access to other
USB devices such as printers, handheld devices or PCs.
Full-Speed USB 2.0 (Device)
Microchip offers USB solutions capable of full-speed USB
operation with the PIC16 and PIC18 family of devices. If
USB On-The-Go is a requirement we have solutions in our
16 and 32 bit families.
Crystal-Free USB
USB communication requires 48 MHz with 0.25%
accuracy over temperature. This is typically done with an
external crystal and an internal USB. We have recently
implemented technologies that allow a crystal-free
implementation with the following benefits:
■ Lower BOM cost
■ Tiny PCB footprint
■ Simplified design
■ More robust solution
Free USB Software
Microchip has software to support USB on 8, 16 and
32-bit MCUs. This software is royalty-free source code and
also includes sample projects. The 8-bit family supports
USB device mode with full-speed operation. Additional
software support includes full C and RTOS development
environments. Included within this USB Framework Library
is Microchip’s USB Framework Configuration Tool.
■ Generates configuration files with just a few clicks
■ Royalty-free source code
■ Firmware projects and USB drivers for the PC
Add USB to any PIC MCU with EUSART
The MCP2200 is a stand-alone USB to EUSART serial
converter that enables full-speed USB connectivity in
applications containing a EUSART interface. The MCP2200
has 256 bytes of EEPROM and eight general purpose I/O.
It offers a simple plug-and-play solution, allowing USB
connectivity with very little design effort.
PIC Microcontrollers with Integrated USB
Featured Crystal-Free Product Families
Superset Device
Pins
Flash
(KB)
Voltage
(V)
Crystal-Free
Additional Features
PIC16(L)F1459
14–20
14
1.8–5.5
ü
CWG, 10-bit ADC, DAC, I2C™, SPI, EUSART
PIC18(L)F45K50
28–44
16–32
1.8–5.5
ü
10-bit ADC, Comparators, ECCP, EUSART, SPI, I2C
PIC18F97J94
64–100
32–128
2–3.6
ü
VBAT, 12-bit ADC, LCD, ECCP, EUSART, I2C, SPI, Comparators
www.microchip.com/usb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com