Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega161 Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATmega161
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega161 Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATmega161 Datasheet HTML 33Page - ATMEL Corporation ATmega161 Datasheet HTML 34Page - ATMEL Corporation ATmega161 Datasheet HTML 35Page - ATMEL Corporation ATmega161 Datasheet HTML 36Page - ATMEL Corporation ATmega161 Datasheet HTML 37Page - ATMEL Corporation ATmega161 Datasheet HTML 38Page - ATMEL Corporation ATmega161 Datasheet HTML 39Page - ATMEL Corporation ATmega161 Datasheet HTML 40Page - ATMEL Corporation ATmega161 Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-27
1925C–AVR–3/03
3.11.2
PROGRAM Push
Button
Future versions of AVR Studio may upgrade the master microcontroller on STK500.
AVR Studio will then detect old software versions of STK500 and update the Flash pro-
gram memory of the master microcontroller. To do this, the user is required to push the
PROGRAM button when powering on STK500. AVR Studio issues instructions on how
to perform the upgrade during the upgrade process.
3.11.3
Main Power LED
The red power LED is directly connected to the STK500 main power supply. The power
LED is always lit when power is applied to STK500.
3.11.4
Target Power LED
The target power LED is connected to VCC lines (VTG) on the target AVR devices in the
sockets. The target power LED is lit when power is applied to the target AVR device.
3.11.5
Status LED
The PROGRAM LED is a 3-color LED. During programming, the LED is yellow. When
the target AVR device is successfully programmed, the LED will turn green. If program-
ming fails, the LED will turn red to indicate that programming failed. When programming
fails, check the troubleshooting guide in Section 7 on page 7-1. During start-up, the sta-
tus LED will shift from red, through yellow, to green to indicate that the master
microcontroller is ready.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com