Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega161 Datasheet(PDF) 51 Page - ATMEL Corporation

Part # ATmega161
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega161 Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button ATmega161 Datasheet HTML 47Page - ATMEL Corporation ATmega161 Datasheet HTML 48Page - ATMEL Corporation ATmega161 Datasheet HTML 49Page - ATMEL Corporation ATmega161 Datasheet HTML 50Page - ATMEL Corporation ATmega161 Datasheet HTML 51Page - ATMEL Corporation ATmega161 Datasheet HTML 52Page - ATMEL Corporation ATmega161 Datasheet HTML 53Page - ATMEL Corporation ATmega161 Datasheet HTML 54Page - ATMEL Corporation ATmega161 Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 61 page
background image
AVR STK500 User Guide
6-1
Rev. 1925C–AVR–3/03
Section 6
In-System Programming of an
External Target System
The STK500 can be used as a programmer to program AVR devices in other applica-
tions. There are two different ISP connector pinouts available: a 6-pin and a 10-pin
version. Both are supported by STK500.
Figure 6-1. 6-pin ISP Connector Pinout
Figure 6-2. 10-pin ISP Connector Pinout
Select the device to be programmed in the same way as programming a device on the
STK500. The V
CC of the target application is detected by STK500 and signals are con-
verted into voltage levels suitable for the target system.
Note:
If the other application has its own power supply to VTG, the jumper VTARGET
must be removed before connecting STK500 to the other application. STK500
may be damaged if the VTARGET jumper is not removed.
VTG
MOSI
GND
MISO
SCK
RST
1 2
ISP6PIN
VTG
GND
GND
GND
GND
MOSI
NC
RST
SCK
MISO
1 2
ISP10PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com