Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 4 Page - Microchip Technology

Part # ENC28J60
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 4 Page - Microchip Technology

  ENC28J60 Datasheet HTML 1Page - Microchip Technology ENC28J60 Datasheet HTML 2Page - Microchip Technology ENC28J60 Datasheet HTML 3Page - Microchip Technology ENC28J60 Datasheet HTML 4Page - Microchip Technology ENC28J60 Datasheet HTML 5Page - Microchip Technology ENC28J60 Datasheet HTML 6Page - Microchip Technology ENC28J60 Datasheet HTML 7Page - Microchip Technology ENC28J60 Datasheet HTML 8Page - Microchip Technology ENC28J60 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Featured Core Independent Peripherals Product Families
Superset
Device
Pins
Flash/RAM
Family Range
Analog
(Max)
Timers/PWM
(Max)
Comms
(Max)
Core Independent
Peripherals (Max)
Additional
Features
PIC10F322
6
448–896B
64B
8-bit ADC (3)
8-bit (2), PWM (2)
–
CLC (1), CWG, NCO
–
PIC12F1572
8
1.75–3.5 KB
128–256 KB
Comp, 10-bit ADC (4), 5-bit
DAC (1)
8-bit (2), 16-bit (4),
PWM (3)
EUSART (1)
CWG, 16-bit PWM
(3)
–
PIC16F1613
8–14
3.5 KB
256B
Comp (2), 10-bit ADC (8),
ZCD
8-bit (4), 16-bit (1),
PWM (2)
USB
CWG, SMT (2), HLT
(3)
CRC/Scan,
WWDT
PIC16F1509
8–14
1.75–14 KB
64–512B
Comp (2), 10-bit ADC (12),
5-bit DAC (1)
8-bit (2), 16-bit (1),
PWM (4)
EUSART (1),
SPI/I2C™ (1)
CLC (1), CWG, NCO
–
PIC16F1709
14–20
7–14 KB
256–1 KB
Comp (2), Op amp (2),
10-bit ADC (12), ZCD
8-bit (4), 16-bit (1),
PWM (4)
EUSART (1),
SPI/I2C (1)
CLC (3), COG
Peripheral
Pin Select
PIC16F1719
28–40
7–28 KB
512–2KB
Comp (2), Op amp (2),
10-bit ADC (28), ZCD
8-bit (4), 16-bit (1),
PWM (4)
EUSART (1),
SPI/I2C (1)
CLC (4), COG, NCO
Peripheral
Pin Select
PIC16F1789
28–40
3.5–28 KB
256–2 KB
Comp (4), Op amp (2),
10-bit ADC (14), 8-bit DAC (4)
8-bit (4), 16-bit (1),
PWM (7)
EUSART (1),
SPI/I2C (1)
PSMC (4)
EEPROM
4 8-bit PIC®Microcontroller Solutions
PIC MCUs with Core Independent Peripherals
Core Independent Peripherals
PIC microcontrollers with Core Independent Peripherals
take 8-bit MCU performance to a new level. With a number
of on-board modules designed to increase capability in
any control system, these MCUs represent the best value
in embedded design. The following Core Independent
Peripherals are designed to handle their tasks with no code
or supervision from the CPU to maintain operation. As a
result, they simplify the implementation of complex control
systems and give designers the flexibility to innovate.
■ CLC (Configurable Logic Cell): Integrated
combinational/sequential logic and
interconnection/re-routing of digital peripherals
■ COG (Complementary Output Generator): An extremely
configurable waveform generator with programmable
rising and falling edge events, precision dead band
(5 ns), polarity, auto shut-down and phase control.
■ CWG (Complementary Waveform Generator): Automated
complementary output with control of key parameters
such as dead-band and auto-shutdown states.
■ NCO (Numerically Controlled Oscillator): Precision
linear frequency generator with fine step resolution:
< 1 Hz up to 500 KHz. Can also be used as a general
purpose 20-bit timer/counter.
■ PSMC (Programmable Switch Mode Controller): 16-bit
PWM with dedicated 64 MHz clock source and event
triggering. Features automated complementary output
with control of key parameters such as phase, dead-
band, blanking and auto shut-down states.
■ 16-bit PWM: High resolution 16-bit PWM with edge and
center aligned modes for reduced EMI. Can also be
used as a general purpose 16-bit timer/counter.
■ SMT (Signal Measurement Timer): 24-bit precision
timer module providing accurate measurement of any
digital signal including period, pulse width, frequency,
duration and duty cycle. Can also be used as custom
digital protocol decoder.
■ HLT (Hardware Limit Timer): Hardware monitoring timer
for missed periodic events and fault detection. Can
also be used as a general purpose 8-bit timer/counter
with external reset capabilities.
Development Tools
PICkit™ Low Pin Count Development Board
(DM164130-9)
■ Development board for 8, 14, 20-pin
8-bit PIC MCU
■ Populated with PIC16F1829-I/P
and ships with PIC18F14K22-I/P
(20-pin) MCU
■ This board package contains assembled board with area for
prototyping circuits and bare board as well
■ Software can be rewritten to accommodate
new technologies
PIC10F32X Development Board (AC103011)
■ Populated with the PIC10F322 6-pin MCU
■ Factory programmed with CWG, NCO and
CLC demo software
■ Prototype area for development purposes
■ User’s guide and source code available
www.microchip.com/cip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com