Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60 Datasheet(PDF) 7 Page - Microchip Technology

Part # ENC28J60
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60 Datasheet(HTML) 7 Page - Microchip Technology

Back Button ENC28J60 Datasheet HTML 3Page - Microchip Technology ENC28J60 Datasheet HTML 4Page - Microchip Technology ENC28J60 Datasheet HTML 5Page - Microchip Technology ENC28J60 Datasheet HTML 6Page - Microchip Technology ENC28J60 Datasheet HTML 7Page - Microchip Technology ENC28J60 Datasheet HTML 8Page - Microchip Technology ENC28J60 Datasheet HTML 9Page - Microchip Technology ENC28J60 Datasheet HTML 10Page - Microchip Technology ENC28J60 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
8-bit PIC®Microcontroller Solutions
Run from a Single Battery
The MCP1623/4 and MCP1640 Synchronous Boost
Regulators enable single-cell battery applications, ideal for
small, portable and lightweight applications.
■ Power any PIC MCU down to 0.35V
■ Provides 2–5.5V fixed/stable output voltage
Development Tools
XLP 8-bit Development Board (DM240313)
■ Supports PIC16 and PIC18 devices
■ LCD and buttons
■ Flexible power options
■ Expansion connector
■ Current measurement points
eXtreme Low Power (XLP) Technology
■ Sleep currents down to 9 nA
■ Active Mode currents down to 30 µA/MHz
■ Execution Efficiency with more than 80% PIC MCU
single cycle instructions
■ Execute code smarter, sleep longer, maximize
battery life
■ Wake-up sources including RTC, WDT, BOR, Interrupts,
Reset or POR
Low Power Peripheral Integration
Many of today’s low power products need advanced
peripherals. Microchip offers low power devices with
peripherals like USB, LCD and mTouch capacitive sensing.
This eliminates the need for additional parts in the
application, which saves cost, current and complexity.
Low Power Reliability
In addition to peripherals, products with XLP have system
supervisory circuits specially designed for battery
powered products.
■ Watchdog Timer down to 200 nA, provides protection
against system failure
■ Real-Time Clock/Calendar down to 400 nA, provides
precise timekeeping
■ Brown-out Reset down to 45 nA, protects as batteries
are depleted or changed
Battery Life Estimator
The XLP Battery Life Estimator is a free software utility to
aid you in developing eXtreme Low Power applications with
Microchip’s PIC MCUs featuring XLP technology.
■ Profile your application Run and Sleep time (duty cycle)
■ Select operating temperature and operating voltage
■ Pre-loaded with most common battery specifications
www.microchip.com/BLE
PIC Microcontrollers with XLP Technology
Featured XLP Product Families
Superset Device
Pins
Flash
(KB)
Sleep
(nA)
Active
(µA/MHz)
Special Features
PIC16F727
20–44
3.4–14
20
55
–
PIC16F1509
20
7–14
25
30
CLC, CWG, NCO
PIC16F1613
8–14
3.5
50
32
Safety critical and core independent peripherals
PIC16F1709
14–20
3.5–14
50
32
Intelligent analog and core independent peripherals
PIC16F1719
28–40
7–28
50
32
Intelligent analog and core independent peripherals
PIC16F1789
28–40
3.5–28
50
32
Intelligent analog and core independent peripherals
PIC16F1829
8–20
3.5–14
20
55
–
PIC18F1947
28–64
7–28
60
55
LCD
PIC18F46K20
28–40
8–64
50
138
–
PIC18F87K22
20–80
8–128
9
197
–
All numbers are typical values, sleep numbers refer to the lowest power Sleep mode available on each family.
www.microchip.com/xlp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com