Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5140 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH5140
Description  Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5140 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH5140 Datasheet HTML 1Page - OSRAM GmbH SFH5140 Datasheet HTML 2Page - OSRAM GmbH SFH5140 Datasheet HTML 3Page - OSRAM GmbH SFH5140 Datasheet HTML 4Page - OSRAM GmbH SFH5140 Datasheet HTML 5Page - OSRAM GmbH SFH5140 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2000-01-01
2
OPTO SEMICONDUCTORS
SFH 5140 F, SFH 5141 F
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 85
°C
Versorgungsspannung
Supply voltage
V
CC
– 0.5 … + 20
V
Ausgangsspannung
Output voltage
V
O
– 0.5 … + 20
V
Ausgangsstrom
Output current
I
O
50
mA
Verlustleistung
Power dissipation
P
tot
175
mW
Kennwerte (
T
A = 25 °C, VCC = 5 V)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Ausgangsspannung „high“
Output voltage “high”
I
O = 0
V
OH
V
CC (> 4.0)
V
Ausgangsspannung „low“
Output voltage “low”
I
O = 16 mA
V
OL
0.15 (< 0.4)
V
Stromaufnahme
Supply current
V
CC = 5 V
V
CC = 18 V
I
CC
3.3 (< 5)
5.0
mA
Schaltschwelle,
λ = 950 nm
Threshold
SFH 5140 F: “H” ¨ “L”
SFH 5141 F: “L” ¨ “H”
E
e, ON
15 (< 50)
µW/cm2
Hysterese
Hysteresis
E
e, OFF/Ee, ON
0.6
(0.5 … 0.9)
–
Halbwinkel
Half angle
ϕ
–
Grad
degr.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com