Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5140 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH5140
Description  Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5140 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH5140 Datasheet HTML 1Page - OSRAM GmbH SFH5140 Datasheet HTML 2Page - OSRAM GmbH SFH5140 Datasheet HTML 3Page - OSRAM GmbH SFH5140 Datasheet HTML 4Page - OSRAM GmbH SFH5140 Datasheet HTML 5Page - OSRAM GmbH SFH5140 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFH 5140 F
SFH 5141 F
Schmitt-Trigger IC im Mini-Sidelooker Gehäuse mit Linse
Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
2000-01-01
1
OPTO SEMICONDUCTORS
Features
• Built-in Schmitt Trigger circuit
• SFH 5140 F: Output active low
• SFH 5141 F: Output active high
• Compact package
Applications
• Optical threshold switch
• Pulseformer
• Counter
• Receiver in interrupters
Wesentliche Merkmale
• Integrierter Schmitt-Trigger
• SFH 5140 F: Output active low
• SFH 5141 F: Output active high
• Miniatur-Gehäuse
Anwendungen
• Optischer Schalter
• Pulsformer
• Zähler
• Empfänger in Lichtschranken
Typ
Type
Bestellnummer
Ordering Code
Gehäuse
Package
SFH 5140 F
Q62702-P5112
Miniatur-Gehäuse; Mittlerer Anschluß:
Ausgang (
V
out); Tageslichtsperrfilter
Compact package; center lead: output (
V
out);
daylight-cutoff filter
SFH 5141 F
Q62702-P5113


Similar Part No. - SFH5140

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
IR-Receiver for Remote Control Systems
2000-01-01
logo
OSRAM GmbH
SFH5110 OSRAM-SFH5110 Datasheet
144Kb / 9P
IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
logo
Infineon Technologies A...
SFH5110-30 INFINEON-SFH5110-30 Datasheet
48Kb / 7P
IR-Receiver for Remote Control Systems
2000-01-01
logo
List of Unclassifed Man...
SFH5110-30 ETC-SFH5110-30 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
OSRAM GmbH
SFH5110-30 OSRAM-SFH5110-30 Datasheet
144Kb / 9P
IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - SFH5140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS104C ETC-PS104C Datasheet
42Kb / 1P
BUILT-IN SCHMITT TRIGGER CIRCUIT
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340 Datasheet
70Kb / 8P
Gabellichtschranke mit Schmitt-Trigger IC Slotted Interrupter with Schmitt-Trigger-IC
logo
List of Unclassifed Man...
SFH5440 ETC-SFH5440 Datasheet
54Kb / 6P
Schmitt-Trigger IC im Smart DIL GehAuse
logo
OSRAM GmbH
SFH9340 OSRAM-SFH9340_05 Datasheet
91Kb / 9P
Gabellichtschranke mit Schmitt-Trigger IC
SFH5840 OSRAM-SFH5840 Datasheet
231Kb / 7P
Schmitt-Trigger IC in TO-18 Package with Glass Lens
SFH5440 OSRAM-SFH5440_07 Datasheet
145Kb / 7P
Schmitt-Trigger IC im Smart DIL Gehase Schmitt-Trigger IC in Smart DIL Package Lead (Pb) Free Product - RoHS Compliant
SFH-4141 OSRAM-SFH-4141 Datasheet
225Kb / 9P
Infrared Emitter (940 nm) in Mini Sidelooker Package
SFH-5140-F OSRAM-SFH-5140-F Datasheet
159Kb / 11P
Schmitt-Trigger IC in Miniature Sidelooker Package with Lens
SFH-5440 OSRAM-SFH-5440 Datasheet
155Kb / 11P
Schmitt-Trigger IC in Smart DIL Package
logo
Silicon Supplies
74AC14 SS-74AC14 Datasheet
568Kb / 5P
Hex Schmitt-Trigger Inverter Logic IC in bare die form
Rev 1.0 15/02/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com