Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVBS2 Datasheet(PDF) 2 Page - THOR communications

Part # DVBS2
Description  DVBS2 Satellite Modulator & Encoder Card System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

DVBS2 Datasheet(HTML) 2 Page - THOR communications

  DVBS2 Datasheet HTML 1Page - THOR communications DVBS2 Datasheet HTML 2Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Specifications and Supported Standards Info 
 
 
 
 
Inputs 
 
 
 
 
Video Options 
1x (+1) HDMI 1080p with redundant backup 
1x HD­SDI 1080p serial digital video input 
1x CVBS composite analog baseband video 
2x CVBS composite analog baseband video 
2x YPbPr HD Component with S­Video 
1x YPbPr + 1x HDMI HD analog and digital 
Transport Protocol  1x DVB­ASI MPTS or SPTS on BNC Input 
Resolutions 
720x480I  1280x720P  1920x1280I  1920x1280P  
 
 
 
 
Encoding 
 
Video Codecs 
MPEG­2 HD 1.0 ­ 19.0 Mbps 
H.264 HD 0.5 ­ 19.0 Mbps 
Audio Codecs 
MPEG1 Layer 2 
MPEG2 AAC 
MPEG4 AAC With Dolby Passthrough 
 
 
 
RF Out 
 
DVB­S    (QPSK) 
FEC 1/2,2/3,3/4,5/6,7/8 
DVB­S2  (QPSK) 
FEC 1/2,3/5,2/3,3/4,4/5,5/6,8/9,9/10 
DVB­S2  (8PSK) 
FEC 3/5,2/3,3/4,5/6,8/9,9/10 
Frequency Range 
950 ­ 2150 MHz in 1 KHz steps 
Symbol Rate 
0.05 ­ 20.0 Msps 
RF Out Level 
­10 ­ 41.5 dB 
 
 
 
 
 
 
 
General 
 
Dimensions  
1RU Rack Chassis:  630mm X 440mm X 44.5mm 
Weight  
9 lb 
Temperature 
0 ­ 45 ℃ (Operating) -20 - 80 ℃ (Storage) 
Power Supply 
110 VAC 50/60 Hz  or  240 VAC 50/60 Hz available 
Consumption 
25.4 W  
 
Admin 
Fully Managed through web browser with Thor NMS web server system 
*All Specifications subject to change without notice
 
 
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com