Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVBS2 Datasheet(PDF) 1 Page - THOR communications

Part # DVBS2
Description  DVBS2 Satellite Modulator & Encoder Card System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

DVBS2 Datasheet(HTML) 1 Page - THOR communications

  DVBS2 Datasheet HTML 1Page - THOR communications DVBS2 Datasheet HTML 2Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
   
H-XXX-DVBS2 
 
SATELLITE ENCODER MODULATORS 
Convert Video to DVB-S2 
 
DVB­S2 Satellite Modulator & Encoder Card System 
Universal multiplexing chassis with support for ASI and PID remapping 
 
● Six encoder cards available for encoding any type of video input 
● Provides ASI multiplexing, PID remapping, and full MPTS ASI output 
● Fully managed through web browser with complete function on front panel 
● Fully agile RF output on any DVB­S or DVB­S2 carrier from 950­2150 MHz 
● Supports 10 MHz reference clock output for synchronization of equipment  
 
 
 
The DVB­S2 universal encoding and modulating chassis by Thor is a flexible platform for 
converting live video signals to L­Band RF signals suitable for transport over satellite links.  This 
platform is managed through a web browser with all functions also available on the front panel. 
The chassis has a slot that can accept one of six available encoder cards to support any type of 
live video.  In addition to the live encoded video input, the unit also supports multiplexing of 
additional programs via an ASI input.  Programs from ASI input can be remapped with new PID 
values.  A 10 MHz clock reference is also provided to synchronize external equipment.   
 
These systems are suitable for both SNG contribution transport and for large scale affiliate 
broadcasting systems.  They are robust enough for mounting in a mobile truck, and reliable 
enough for long term use in satellite headends.  For the highest reliability, Thor also offers 
satellite modulators with full auto switching redundancy.  For more information contact a sales 
representative today. 
 


Similar Part No. - DVBS2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DVB0012A TI1-DVB0012A Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DVB0012A TI1-DVB0012A Datasheet
778Kb / 28P
1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Advanced Semiconductor
DVB4376-99 ASI-DVB4376-99 Datasheet
20Kb / 1P
SILICON STEP RECOVERY DIODE
More results

Similar Description - DVBS2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM94201 BOARDCOM-BCM94201 Datasheet
412Kb / 1P
SATELLITE RECEIVER EVALUATION SYSTEM
logo
Princeton Technology Co...
PT2352 PTC-PT2352 Datasheet
73Kb / 4P
SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC
PT2353 PTC-PT2353 Datasheet
82Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
logo
Broadcom Corporation.
BCM94500 BOARDCOM-BCM94500 Datasheet
531Kb / 2P
ADVANCED MODULATION SATELLITE RECEIVER EVALUATION SYSTEM
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Princeton Technology Co...
PT2353 PTC-PT2353_10 Datasheet
973Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H_10 Datasheet
671Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
logo
THOR communications
QAM-IP THOR-QAM-IP Datasheet
680Kb / 1P
Integrated Encoder / Modulator / IP Server
logo
Pulse A Technitrol Comp...
W3010 PULSE-W3010 Datasheet
1Mb / 8P
Monarch Series: Satellite Navigation System
logo
Broadcom Corporation.
BCM7325 BOARDCOM-BCM7325 Datasheet
632Kb / 2P
HIGH-DEFINITION SATELLITE SYSTEM-ON-CHIP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com