Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2353 Datasheet (PDF) - Princeton Technology Corp

PT2353 Datasheet PDF - Princeton Technology Corp
Part # PT2353
Download  PT2353 Download
File Size   82.53 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Satellite Subwoofer 3-Speaker System Electronics Crossover IC

PT2353 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2353 Datasheet PDF - Princeton Technology Corp

Part # PT2353
Download  PT2353 Click to download

File Size   82.53 Kbytes
Page   5 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Satellite Subwoofer 3-Speaker System Electronics Crossover IC

PT2353 Datasheet (HTML) - Princeton Technology Corp


PT2353 Product details

DESCRIPTION

PT2353 is a 3-speaker system electronic crossover IC utilizing CMOS Technology specially designed for the new generation of audio equipments. 3-channel electronic volume control, 2-channel 2nd order high pass filter, 2nd order low pass filter and one mono subwoofer audio output are incorporated into a single high performance chips. PT2353 combines the electronic volume controller and crossover circuitry without MCU handling. Pin assignments and application circuit are optimized for easy PCB layout and cost saving advantages.





FEATURES

•CMOS technology

• Low power consumption

• 2 built-in individual volume control: 0dB to -60dB

• 2-channel 2nd order high pass filter + 1 mixed mono subwoofer low pass filter

• Cross-over frequency adjustable by external passive components

• Control interface of volume control: Up/Down key (MCU is not necessary)

• Built-in 3D effect and loudness function

• Supply voltage: 5V to 9V




Similar Part No. - PT2353

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2353 PTC-PT2353 Datasheet
973Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353-S PTC-PT2353-S Datasheet
973Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H Datasheet
88Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H Datasheet
671Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H-S PTC-PT2353H-S Datasheet
88Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
More results


Similar Description - PT2353

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
logo
Hynix Semiconductor
HL14203 HYNIX-HL14203 Datasheet
421Kb / 26P
Hyundai Electronics Industries System IC Division
HL15203 HYNIX-HL15203 Datasheet
293Kb / 19P
Hyundai Electronics Industries System IC Division
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
Hyundai Electronics Industries System IC Division
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
Satellite-Video IC
logo
Princeton Technology Co...
PT2352 PTC-PT2352 Datasheet
73Kb / 4P
SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC
PT2353H PTC-PT2353H Datasheet
88Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353 PTC-PT2353_10 Datasheet
973Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H_10 Datasheet
671Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com