Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2350 Datasheet (PDF) - Princeton Technology Corp

PT2350 Datasheet PDF - Princeton Technology Corp
Part # PT2350
Download  PT2350 Download
File Size   64.34 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Tone Control Subwoofer Low Pass Filter IC

PT2350 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2350 Datasheet PDF - Princeton Technology Corp

Part # PT2350
Download  PT2350 Click to download

File Size   64.34 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Tone Control Subwoofer Low Pass Filter IC

PT2350 Datasheet (HTML) - Princeton Technology Corp


PT2350 Product details

DESCRIPTION

PT2350 is a tone control subwoofer cross-over low pass filter chip utilizing CMOS Technology. It features a tone control range of + 10dB (50Hz, 4 KHz) and subwoofer low pass filter of the second order Sallen Key Design. The roll-off point can be adjusted by changing the value of the external capacitor. Pin assign ments and application circuits are optimized for easy PCB Layout and cost saving advantages.





FEATURES

CMOS Technology

2 - Channel Input

3 - Channel Output (Including 1 stereo Output and Subwoofer Output)

Low Total Harmonic Distortion (THD<0.01%, Subwoofer THD<0.2%)

High S/N Ratio (S/N Ratio <-87dB, A-weighting)

Least External Components

Adjustment of Frequency response by changing the value of the external component

Single Power Supply: 3 to 8.5 Volts

Available in 20 pins, DIP or SO Package




Similar Part No. - PT2350

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2351 PTC-PT2351 Datasheet
41Kb / 4P
Subwoofer Cross-Over Low Pass Filter IC
PT2351-S PTC-PT2351-S Datasheet
41Kb / 4P
Subwoofer Cross-Over Low Pass Filter IC
PT2352 PTC-PT2352 Datasheet
73Kb / 4P
SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC
PT2353 PTC-PT2353 Datasheet
82Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353 PTC-PT2353 Datasheet
973Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
More results


Similar Description - PT2350

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8184P TOSHIBA-TA8184P Datasheet
655Kb / 15P
DUAL CHANNEL VOLTAGE/TONE CONTROL IC
logo
Princeton Technology Co...
PT2351 PTC-PT2351 Datasheet
41Kb / 4P
Subwoofer Cross-Over Low Pass Filter IC
logo
List of Unclassifed Man...
TDA4290-2 ETC-TDA4290-2 Datasheet
231Kb / 8P
TONE CONTROL IC
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
logo
Panasonic Semiconductor
AN5835 PANASONIC-AN5835 Datasheet
198Kb / 3P
DC VOLUME TONE CONTROL IC
logo
Mini-Circuits
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com