Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2351 Datasheet (PDF) - Princeton Technology Corp

PT2351 Datasheet PDF - Princeton Technology Corp
Part # PT2351
Download  PT2351 Download
File Size   41.23 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Subwoofer Cross-Over Low Pass Filter IC

PT2351 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2351 Datasheet PDF - Princeton Technology Corp

Part # PT2351
Download  PT2351 Click to download

File Size   41.23 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description Subwoofer Cross-Over Low Pass Filter IC

PT2351 Datasheet (HTML) - Princeton Technology Corp


PT2351 Product details

DESCRIPTION

PT2351 is an 8-pin subwoofer cross-over low pass filter chip utilizing CMOS Technology having a slope rate of -12dB/oct or -18 dB/oct. Using an external capacitor, the roll-off point can be adjusted to meet your needs or taste. PT2351 has low distortion, high input impedance and low output impedance design. The application circuit and pin assignments are optimized for easy PCB Layout and cost saving benefits.



FEATURES

CMOS Technology

Single Power Supply: 3V to 9V

Second Order Low Pass Filter Design with Slope Rate = -12dB/oct

Third Order Low Pass Filter Design with Slope Rate = -18 dB/oct

Low Output Impedance (Typ. 40 Ohms)

Least External Components

The Roll-Off Point can be adjusted using an External Capacitor

2-Channel Inputs are mixed to a Single Subwoofer Output

Available in 8-pin, SO or DIP Package




Similar Part No. - PT2351

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
PT2350-S PTC-PT2350-S Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
PT2352 PTC-PT2352 Datasheet
73Kb / 4P
SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC
PT2353 PTC-PT2353 Datasheet
82Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353 PTC-PT2353 Datasheet
973Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
More results


Similar Description - PT2351

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
American Electronic Com...
SRA2 AEC-SRA2 Datasheet
158Kb / 2P
Zero cross-over
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com