Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2352 Datasheet (PDF) - Princeton Technology Corp

PT2352 Datasheet PDF - Princeton Technology Corp
Part # PT2352
Download  PT2352 Download
File Size   73.0 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC

PT2352 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2352 Datasheet PDF - Princeton Technology Corp

Part # PT2352
Download  PT2352 Click to download

File Size   73.0 Kbytes
Page   4 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC

PT2352 Datasheet (HTML) - Princeton Technology Corp


PT2352 Product details

DESCRIPTION

PT2352 is a 3-speaker system electronic crossover IC utilizing CMOS Technology specially designed for the new generation of audio equipments. 3-channel electronic volume control, 2-channel 2nd order high pass filter, 2nd order low pass filter and one mono subwoofer audio output are incorporated into a single high performance chips. PT2352 combines the electronic volume controller and crossover circuitry without MCU handling. Pin assignments and application circuit are optimized for easy PCB layout and cost saving advantages.



FEATURES

• CMOS Technology

• Low Power Consumption

• 2 Built-in Individual Volume Control: 0 dB to -68dB

• 2-Channel 2nd Order High Pass Filter + 1 Mixed Mono Subwoofer Low Pass Filter

• Cross-Over Frequency adjustable by external passive components

• Control Interface of Volume Control: UP/DOWN Key (MCU is not necessary)

• Built-in 3D Effect and Loudness Function

• Supply Voltage: 5V to 9V



APPLICATION

• Audio Equipments



 




Similar Part No. - PT2352

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
PT2350-S PTC-PT2350-S Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
PT2351 PTC-PT2351 Datasheet
41Kb / 4P
Subwoofer Cross-Over Low Pass Filter IC
PT2351-S PTC-PT2351-S Datasheet
41Kb / 4P
Subwoofer Cross-Over Low Pass Filter IC
PT2353 PTC-PT2353 Datasheet
82Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
More results


Similar Description - PT2352

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
Tone Control Subwoofer Low Pass Filter IC
PT2351 PTC-PT2351 Datasheet
41Kb / 4P
Subwoofer Cross-Over Low Pass Filter IC
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
Satellite-Video IC
logo
Broadcom Corporation.
BCM94201 BOARDCOM-BCM94201 Datasheet
412Kb / 1P
SATELLITE RECEIVER EVALUATION SYSTEM
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
Speaker Phone IC
logo
Princeton Technology Co...
PT2353 PTC-PT2353 Datasheet
82Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H Datasheet
88Kb / 5P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353 PTC-PT2353_10 Datasheet
973Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H_10 Datasheet
671Kb / 17P
Satellite Subwoofer 3-Speaker System Electronics Crossover IC
logo
Pulse A Technitrol Comp...
W3010 PULSE-W3010 Datasheet
1Mb / 8P
Monarch Series: Satellite Navigation System
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com